Electronic Components Datasheet Search
  English  ▼

X  

LM95231 Datasheet(PDF) 13 Page - Texas Instruments

Part # LM95231
Description  LM95231CIMMX/NOPB LM95231BIMM-1/NOPB LM95231CIMM-1/NOPB LM95231CIMM-2/NOPB LM95231CIMMX/NOPB.A LM95231CIMM-2/NOPB.A LM95231CIMM-1/NOPB.A LM95231BIMM-1/NOPB.A
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM95231 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM95231 Datasheet HTML 9Page - Texas Instruments LM95231 Datasheet HTML 10Page - Texas Instruments LM95231 Datasheet HTML 11Page - Texas Instruments LM95231 Datasheet HTML 12Page - Texas Instruments LM95231 Datasheet HTML 13Page - Texas Instruments LM95231 Datasheet HTML 14Page - Texas Instruments LM95231 Datasheet HTML 15Page - Texas Instruments LM95231 Datasheet HTML 16Page - Texas Instruments LM95231 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
Table 6-4. 13-bit, unsigned binary
Temperature
Digital Output
Binary
Hex
+255.875°C
1111 1111 1110 0000
FFE0h
+255°C
1111 1111 0000 0000
FF00h
+201°C
1100 1001 0000 0000
C900h
+125°C
0111 1101 0000 0000
7D00h
+25°C
0001 1001 0000 0000
1900h
+1°C
0000 0001 0000 0000
0100h
+0.03125°C
0000 0000 0000 1000
0008h
0°C
0000 0000 0000 0000
0000h
Local Temperature data is represented by a 10-bit, two's complement word with an LSb (Least Significant Bit)
equal to 0.25°C. The data format is a left justified 16-bit word available in two 8-bit registers. Unused bits will
always report "0". Local temperature readings greater than +127.875°C are clamped to +127.875°C, they will not
roll-over to negative temperature readings.
Temperature
Digital Output
Binary
Hex
+125°C
0111 1101 0000 0000
7D00h
+25°C
0001 1001 0000 0000
1900h
+1°C
0000 0001 0000 0000
0100h
+0.25°C
0000 0000 0100 0000
0040h
0°C
0000 0000 0000 0000
0000h
−0.25°C
1111 1111 1100 0000
FFC0h
−1°C
1111 1111 0000 0000
FF00h
−25°C
1110 0111 0000 0000
E700h
−55°C
1100 1001 0000 0000
C900h
www.ti.com
LM95231
SNIS139F – FEBRUARY 2005 – REVISED JANUARY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: LM95231



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com