Electronic Components Datasheet Search
  English  ▼

X  

LM95231 Datasheet(PDF) 11 Page - Texas Instruments

Part # LM95231
Description  LM95231CIMMX/NOPB LM95231BIMM-1/NOPB LM95231CIMM-1/NOPB LM95231CIMM-2/NOPB LM95231CIMMX/NOPB.A LM95231CIMM-2/NOPB.A LM95231CIMM-1/NOPB.A LM95231BIMM-1/NOPB.A
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM95231 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM95231 Datasheet HTML 7Page - Texas Instruments LM95231 Datasheet HTML 8Page - Texas Instruments LM95231 Datasheet HTML 9Page - Texas Instruments LM95231 Datasheet HTML 10Page - Texas Instruments LM95231 Datasheet HTML 11Page - Texas Instruments LM95231 Datasheet HTML 12Page - Texas Instruments LM95231 Datasheet HTML 13Page - Texas Instruments LM95231 Datasheet HTML 14Page - Texas Instruments LM95231 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
6.3 Feature Description
6.3.1 Conversion Sequence
In the power up default state the LM95231 takes maximum a 77.5 ms to convert the Local Temperature, Remote
Temperature 1 and 2, and to update all of its registers. Only during the conversion process is the busy bit (D7) in
the Status register (02h) high. These conversions are addressed in a round robin sequence. The conversion rate
may be modified by the Conversion Rate bits found in the Configuration Register (03h). When the conversion
rate is modified a delay is inserted between conversions, the actual maximum conversion time remains at 87.7
ms. Different conversion rates will cause the LM95231 to draw different amounts of supply current as shown in
Figure 6-1.
10
100
1000
10000
CONVERSION TIME (ms)
0.0
0.25
0.5
0.75
1.0
1.25
1.5
1.75
2.0
VDD = +3.3V
TA = 25
oC
Figure 6-1. Conversion Rate Effect on Power Supply Current
6.3.2 Power-On-Default States
LM95231 always powers up to these known default states. The LM95231 remains in these states until after the
first conversion.
1. Command Register set to 00h
2. Local Temperature set to 0°C until the end of the first conversion
3. Remote Diode Temperature set to 0°C until the end of the first conversion
4. Remote Diode digital filters are on.
5. Remote Diode 1 model is set to Pentium 4 processor on 90nm process with TruTherm mode enabled.
Remote Diode 2 model is set to 2N3904 with TruTherm mode disabled.
6. Status Register depends on state of thermal diode inputs
7. Configuration register set to 00h; continuous conversion, typical time = 85.8 ms when TruTherm Mode is
enabled for Remote 1 only
6.3.3 SMBus Interface
The LM95231 operates as a slave on the SMBus, so the SMBCLK line is an input and the SMBDAT line is
bidirectional. The LM95231 never drives the SMBCLK line and it does not support clock stretching. According to
SMBus specifications, the LM95231 has a 7-bit slave address. All bits A6 through A0 are internally programmed
and can not be changed by software or hardware. The SMBus slave address is dependent on the LM95231 part
number ordered:
Part Number
A6
A5
A4
A3
A2
A1
A0
LM95231BIMM,
LM95231CIMM
1
0
1
0
1
1
1
LM95231BIMM-1,
LM95231CIMM-1
0
0
1
1
0
0
1
LM95231BIMM-2,
LM95231CIMM-2
0
1
0
1
0
1
0
www.ti.com
LM95231
SNIS139F – FEBRUARY 2005 – REVISED JANUARY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: LM95231



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com