Electronic Components Datasheet Search
  English  ▼

X  

LPV531 Datasheet(PDF) 17 Page - Texas Instruments

Part # LPV531
Description  LPV531 Programmable Micropower CMOS Input, Rail-to-Rail Output Operational Amplifier
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LPV531 Datasheet(HTML) 17 Page - Texas Instruments

Back Button LPV531 Datasheet HTML 13Page - Texas Instruments LPV531 Datasheet HTML 14Page - Texas Instruments LPV531 Datasheet HTML 15Page - Texas Instruments LPV531 Datasheet HTML 16Page - Texas Instruments LPV531 Datasheet HTML 17Page - Texas Instruments LPV531 Datasheet HTML 18Page - Texas Instruments LPV531 Datasheet HTML 19Page - Texas Instruments LPV531 Datasheet HTML 20Page - Texas Instruments LPV531 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 29 page
background image
20 dB/decade
gm,in/Cm
gm,out/CI
40 dB/decade
FREQUENCY (Hz)
VIN
R1
R2
C1
VOUT
+
-
ISEL
+V
R3
R4
C2
I/O PIN
MICROCONTROLLER
REXT
LPV531
www.ti.com
SNOSAK5B – MARCH 2006 – REVISED MARCH 2013
Figure 39. Inverting AC Coupled Application
PROGRAMMABLE POWER LEVELS AND THE EFFECTS OF STABILITY COMPENSATION METHODS
USING EXTERNAL COMPONENTS
In some op amp application circuits, external capacitors are used to improve the stability of the feedback loop
around the amplifier. When using the programmable power level feature of the LPV531 such stability
improvement methods may not work. This is related to the internal frequency compensation method applied
inside the LPV531.
Figure 40 shows the bode plot of the frequency response of the LPV531. The gain-bandwidth product is
determined by the transconductance of the input stage (gm,in) and the internal Miller compensation capacitor
(Cm). The non-dominant pole is formed by the transconductance of the output stage (gm,out) and the load
capacitance connected to the output of the LPV531 (Cl). The frequency response crosses the frequency axis with
a single-pole slope (20 dB/decade). This ensures the stability of feedback loops formed around the LPV531.
Figure 40. Bode Plot of the Frequency Response
When the load capacitance is increased, the pole at the output will shift to lower frequencies. Eventually, the
output pole will shift below the unity gain frequency. This will cause the frequency characteristic to move through
the 0 dB axis with a slope of 40 dB/decade and a feedback loop formed around the LPV531 may oscillate. The
LPV531 is internally compensated in such a manner that it will be stable for load capacitances up to 100 pF.
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: LPV531



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com