Electronic Components Datasheet Search
  English  ▼

X  

LPV531 Datasheet(PDF) 8 Page - Texas Instruments

Part # LPV531
Description  LPV531 Programmable Micropower CMOS Input, Rail-to-Rail Output Operational Amplifier
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LPV531 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LPV531 Datasheet HTML 4Page - Texas Instruments LPV531 Datasheet HTML 5Page - Texas Instruments LPV531 Datasheet HTML 6Page - Texas Instruments LPV531 Datasheet HTML 7Page - Texas Instruments LPV531 Datasheet HTML 8Page - Texas Instruments LPV531 Datasheet HTML 9Page - Texas Instruments LPV531 Datasheet HTML 10Page - Texas Instruments LPV531 Datasheet HTML 11Page - Texas Instruments LPV531 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
0
1
2
3
4
VCM (V)
-1.5
-1
-0.5
0
0.5
1
1.5
DEVICE A @ -40°C
DEVICE B @ 85°C
DEVICE B @ 25°C
DEVICE A @ 25°C
DEVICE B @ -40°C
DEVICE A @ 85°C
10
1k
1M
FREQUENCY (Hz)
10
30
100
100k
10k
100
80
70
20
90
60
50
40 MID POWER MODE
FULL POWER MODE
LOW POWER MODE
0
1
2
3
4
VCM (V)
-1.5
-1
-0.5
0
0.5
1
1.5
DEVICE A @ 85°C
DEVICE B @ 85°C
DEVICE B @ 25°C
DEVICE A @ 25°C
DEVICE A @ -40°C
DEVICE B @ -40°C
0
1
2
3
4
VCM (V)
-1.5
-1
-0.5
0
0.5
1
1.5
DEVICE A @ 85°C
DEVICE B @ 85°C
DEVICE B @ 25°C
DEVICE A @ 25°C
DEVICE A @ -40°C
DEVICE B @ -40°C
100
1k
10k
100k
1M
FREQUENCY (Hz)
-20
0
20
40
60
80
100
120
-23
0
23
45
68
90
113
135
10M
RL = 100 k:
CL = 20 pF
V
+
= 5V
PHASE
GAIN
100
1k
10k
100k
1M
FREQUENCY (Hz)
-20
0
20
40
60
80
100
120
-23
0
23
45
68
90
113
135
RL = 100 k:
CL = 20 pF
V
+
= 5V
GAIN
PHASE
LPV531
SNOSAK5B – MARCH 2006 – REVISED MARCH 2013
www.ti.com
Typical Performance Characteristics (continued)
Unless otherwise specified, V
+ = 5V, T
J = 25°C. For Full Power Mode the ISEL pin is connected to V
−; for Mid-Power Mode the
ISEL pin is connected to V
− through a 100 kΩ resistor; for Low Power Mode the I
SEL pin is connected to V
− through a 1 MΩ
resistor.
Gain and Phase
Gain and Phase
vs.
vs.
Frequency
Frequency
(Mid Power Mode)
(Low Power Mode)
Figure 9.
Figure 10.
Input Offset Voltage
Input Offset Voltage
vs.
vs.
Common Mode Voltage
Common Mode Voltage
(Full Power Mode)
(Mid Power Mode)
Figure 11.
Figure 12.
Input Offset Voltage
vs.
CMRR
Common Mode Voltage
vs.
(Low Power Mode)
Frequency
Figure 13.
Figure 14.
8
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LPV531



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com