Electronic Components Datasheet Search
  English  ▼

X  

LPV531 Datasheet(PDF) 1 Page - Texas Instruments

Part # LPV531
Description  LPV531 Programmable Micropower CMOS Input, Rail-to-Rail Output Operational Amplifier
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LPV531 Datasheet(HTML) 1 Page - Texas Instruments

  LPV531 Datasheet HTML 1Page - Texas Instruments LPV531 Datasheet HTML 2Page - Texas Instruments LPV531 Datasheet HTML 3Page - Texas Instruments LPV531 Datasheet HTML 4Page - Texas Instruments LPV531 Datasheet HTML 5Page - Texas Instruments LPV531 Datasheet HTML 6Page - Texas Instruments LPV531 Datasheet HTML 7Page - Texas Instruments LPV531 Datasheet HTML 8Page - Texas Instruments LPV531 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
VIN
R1
R2
C1
VOUT
+
-
ISEL
+V
R3
R4
C2
REXT
LPV531
www.ti.com
SNOSAK5B – MARCH 2006 – REVISED MARCH 2013
LPV531 Programmable Micropower CMOS Input, Rail-to-Rail Output Operational Amplifier
Check for Samples: LPV531
1
FEATURES
DESCRIPTION
2
•
(Typical 5V Supply, unless otherwise Noted.)
The LPV531 is an extremely versatile operational
•
Supply Voltage 2.7V to 5.5V
amplifier. A single external resistor gives the system
designer the ability to define the quiescent current,
•
Dynamic Power Mode Setting
gain bandwidth product and output short circuit
•
Continuously Programmable Supply Current
current. This innovative feature gives the system
–
Range 5
μA to 425 μA
designer a method to dynamically switch the power
•
Continuously Programmable Bandwidth
level to optimize the performance of the op amp and
meet the system design requirements.
–
Range 73 kHz to 4.6 MHz
The LPV531 can be tailored to a wide variety of
•
Input Common Mode Voltage Range
−0.3V to
applications. It offers the system designer the ability
3.8V
to dynamically trade off supply current for bandwidth
•
CMRR 95 dB
by adjusting the current drawn from the ISEL pin using
•
Rail-to-Rail Output Voltage Swing
a DAC or switching in different value resistors in
series with the ISEL pin. The LPV531 is capable of
•
Input Offset Voltage 1 mV
operating from 73 kHz, consuming only 5
μA, to as
fast as 4.6 MHz, consuming only 425
μA. The input
APPLICATIONS
offset voltage is relatively independent and therefore
•
AC Coupled Circuits
is not significantly affected by the chosen power level.
•
Portable Instrumentation
Utilizing a CMOS input stage, the LPV531 achieves
•
Active Filters
an input bias current of 50 fA and a common mode
input voltage which extends from the negative rail to
Typical Application
within 1.2V of the positive supply. The LPV531's rail-
to-rail class AB output stage enables this op amp to
offer maximum dynamic range at low supply voltage.
Offered in the space saving 6-pin SOT package, the
LPV531 is ideal for use in handheld electronics and
portable applications. The LPV531 is manufactured
using TI’s advanced VIP50 process.
A fixed supply current/gain bandwidth is available
upon request.
Figure 1. AC Coupled Application
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2006–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LPV531

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LPV531 NSC-LPV531 Datasheet
953Kb / 17P
Programmable Micropower CMOS Input, Rail-to-Rail Output Operational Amplifier
logo
Texas Instruments
LPV531 TI-LPV531 Datasheet
970Kb / 27P
Programmable Micropower CMOS Input, Rail-to-Rail Output Operational Amplifier
logo
National Semiconductor ...
LPV531MK NSC-LPV531MK Datasheet
953Kb / 17P
Programmable Micropower CMOS Input, Rail-to-Rail Output Operational Amplifier
logo
Texas Instruments
LPV531MK/NOPB TI-LPV531MK/NOPB Datasheet
970Kb / 27P
Programmable Micropower CMOS Input, Rail-to-Rail Output Operational Amplifier
logo
National Semiconductor ...
LPV531MKX NSC-LPV531MKX Datasheet
953Kb / 17P
Programmable Micropower CMOS Input, Rail-to-Rail Output Operational Amplifier
More results

Similar Description - LPV531

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC6462 NSC-LMC6462 Datasheet
648Kb / 18P
Micropower, Rail-to-Rail Input and Output CMOS Operational Amplifier
logo
Advanced Linear Devices
ALD1701A ALD-ALD1701A Datasheet
47Kb / 6P
MICROPOWER RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
LPV531 NSC-LPV531 Datasheet
953Kb / 17P
Programmable Micropower CMOS Input, Rail-to-Rail Output Operational Amplifier
logo
Analog Devices
ADA4092-4 AD-ADA4092-4 Datasheet
683Kb / 20P
Micropower, OVP, Rail-to-Rail Input/Output Operational Amplifier
REV. A
AD8546 AD-AD8546 Datasheet
862Kb / 24P
18 V, Micropower, CMOS, Rail-to-Rail Input/Output Operational Amplifier
REV. 0
logo
Texas Instruments
LMC6464QML TI1-LMC6464QML Datasheet
1Mb / 22P
Quad Micropower, Rail-to-Rail Input and Output CMOS Operational Amplifier
logo
Advanced Linear Devices
ALD1701A ALD-ALD1701A_10 Datasheet
85Kb / 9P
MICROPOWER RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
logo
Texas Instruments
LPV531 TI-LPV531_15 Datasheet
970Kb / 27P
Programmable Micropower CMOS Input, Rail-to-Rail Output Operational Amplifier
LPV511 TI1-LPV511 Datasheet
985Kb / 21P
Micropower, Rail-to-Rail Input and Output Operational Amplifier
logo
ADL Embedded Solutions
ALD1701A ADL-ALD1701A Datasheet
80Kb / 9P
MICROPOWER RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com