Electronic Components Datasheet Search
  English  ▼

X  

LSF0204 Datasheet(PDF) 6 Page - Texas Instruments

Part # LSF0204
Description  LSF0204-Q1 Automotive Qualified 4-Bit Auto-Bidirectional Multi-Voltage Level Translator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LSF0204 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LSF0204 Datasheet HTML 2Page - Texas Instruments LSF0204 Datasheet HTML 3Page - Texas Instruments LSF0204 Datasheet HTML 4Page - Texas Instruments LSF0204 Datasheet HTML 5Page - Texas Instruments LSF0204 Datasheet HTML 6Page - Texas Instruments LSF0204 Datasheet HTML 7Page - Texas Instruments LSF0204 Datasheet HTML 8Page - Texas Instruments LSF0204 Datasheet HTML 9Page - Texas Instruments LSF0204 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
6.6 Switching Characteristics: AC Performance (Translating Down, 3.3 V to 1.8 V)
over recommended operating free-air temperature range, Vrev-A = 1.8 V, Vrev-B = 3.3 V, VEN = 1.8 V, Vpu_1 = 3.3 V,
Vpu_2 = 1.8 V, RL = NA, VIH = 3.3 V, VIL = 0 VM = 1.15 V (unless otherwise noted)
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
tPLH
Propagation delay time
(low-to-high output)
(Input) A or B-to-B or A (Output)
CL = 50 pF
0.7
5.49
ns
CL = 30 pF
0.5
5.29
CL = 15 pF
0.3
5.19
tPHL
Propagation delay time
(high-to-low output)
(Input) A or B-to-B or A (Output)
CL = 50 pF
0.9
4.9
ns
CL = 30 pF
0.7
4.7
CL = 15 pF
0.5
4.5
tPLZ
Disable time
(from low level)
(Input) A or B-to-B or A (Output)
CL = 50 pF
13
18
ns
CL = 30 pF
12
16.5
CL = 15 pF
11
15
tPZL
Disable time
(Input) A or B-to-B or A (Output)
CL = 50 pF
33
45
ns
CL = 30 pF
30
40
CL = 15 pF
23
37
fMAX
Maximum time
(Input) A or B-to-B or A (Output)
CL = 50 pF
50
MHz
CL = 30 pF
100
CL = 15 pF
100
6.7 Switching Characteristics: AC Performance (Translating Down, 3.3 V to 1.2 V)
over recommended operating free-air temperature range Vrev-A = 1.2 V, Vrev-B = 3.3 V, VEN = 1.2 V, Vpu_1 = 3.3 V,
Vpu_2 = 1.2 V, RL = NA, VIH = 3.3V, VIL = 0 VM = 0.85 V (unless otherwise noted)
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
tPLH
Propagation delay time
(low-to-high output)
(Input) A or B-to-B or A (Output)
CL = 50 pF
0.8
4.1
ns
CL = 30 pF
0.5
3.9
CL = 15 pF
0.3
3.8
tPHL
Propagation delay time
(high-to-low output)
(Input) A or B-to-B or A (Output)
CL = 50 pF
0.9
4.7
ns
CL = 30 pF
0.7
4.5
CL = 15 pF
0.6
4.3
fMAX
Maximum time
(Input) A or B-to-B or A (Output)
CL = 50 pF
50
MHz
CL = 30 pF
100
CL = 15 pF
100
LSF0204-Q1
SLVSEM4B – JUNE 2018 – REVISED APRIL 2021
www.ti.com
6
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com