Electronic Components Datasheet Search
  English  ▼

X  

LSF0204 Datasheet(PDF) 1 Page - Texas Instruments

Part # LSF0204
Description  LSF0204-Q1 Automotive Qualified 4-Bit Auto-Bidirectional Multi-Voltage Level Translator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LSF0204 Datasheet(HTML) 1 Page - Texas Instruments

  LSF0204 Datasheet HTML 1Page - Texas Instruments LSF0204 Datasheet HTML 2Page - Texas Instruments LSF0204 Datasheet HTML 3Page - Texas Instruments LSF0204 Datasheet HTML 4Page - Texas Instruments LSF0204 Datasheet HTML 5Page - Texas Instruments LSF0204 Datasheet HTML 6Page - Texas Instruments LSF0204 Datasheet HTML 7Page - Texas Instruments LSF0204 Datasheet HTML 8Page - Texas Instruments LSF0204 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
LSF0204-Q1 Automotive Qualified 4-Bit Auto-Bidirectional Multi-Voltage Level
Translator
1 Features
• AEC-Q100 qualified for automotive applications
– Temperature grade 1: –40°C ≤ TA ≤ 125°C
– Device HBM ESD classification level 2
– CDM ESD classification level C6
• Provides auto-bidirectional voltage translation
without direction pin
• Supports open drain or push-pull applications such
as I2C, I2S, SPI, UART, JTAG, MDIO, SDIO, and
GPIO
• Supports up to 100-MHz up translation and greater
than 100-MHz down translation
at ≤ 30-pF capacitor load and up to 40-MHz up/
down translation at 50-pF capacitor load
• Supports Ioff, partial power down mode (see
Section 7.3)
• Allows bidirectional voltage level translation
between
– 0.95 V ↔ 1.8, 2.5, 3.3, 5.5 V
– 1.2 V ↔ 1.8, 2.5, 3.3, 5.5 V
– 1.8 V ↔ 2.5, 3.3, 5.5 V
– 2.5 V ↔ 3.3, 5.5 V
– 3.3 V ↔ 5.5 V
• 5-V tolerance on I/O ports
• Low Ron enables better signal integrity
• Flow-through pinout for easy PCB trace routing
• Latch-up performance exceeds 100 mA per
JESD17
2 Applications
• I2S, JTAG, SPI, SDIO, UART, I2C, MDIO, PMBus,
SMBus and other interfaces
• Infotainment head unit
• Graphical cluster
• ADAS fusion
• ADAS front camera
• HEV battery management system
3 Description
The LSF0204-Q1 is automotive qualified four channel
auto bidirectional voltage translator that operate from
0.8 V to 4.5 V (Vref_A) and 1.8 V to 5.5 V (Vref_B).
This range allows for bidirectional voltage translations
between 0.8 V and 5.5 V without the need for a
direction pin.
When the An or Bn port is LOW, the switch is in
the ON-state and a low resistance connection exists
between the An and Bn ports. The low Ron of the
switch allows connections to be made with minimal
propagation delay and minimal signal distortion. The
voltage on the A or B side will be limited to Vref_A and
can be pulled up to any level between Vref_A and 5.5
V
The supply voltage (VPUn) for each channel may be
individually set up with a pull up resistor. For example,
CH1 may be used in up-translation mode (1.2 V ↔
3.3 V) and CH2 in down-translation mode (2.5 V ↔
1.8 V).
When EN is HIGH, the translator switch is on, and
the An I/O is connected to the Bn I/O, respectively,
allowing bidirectional data flow between ports. When
EN is LOW, the translator switch is off, and a high-
impedance state exists between ports. The EN input
circuit is designed to be supplied by Vref_A. EN must
be LOW to ensure the high-impedance state during
power-up or power-down.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
LSF0204QPWRQ1
TSSOP (14)
5.00 mm × 4.40 mm
(1)
For all available packages, see the orderable addendum at
the end of the datasheet.
LSF0204-Q1
Vref_A
A1
A2
A3
A4
Vref_B
EN
B1
B2
B3
B4
200 KΩ
Level Converter
Simplified Schematic
www.ti.com
LSF0204-Q1
SLVSEM4B – JUNE 2018 – REVISED APRIL 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
1
LSF0204-Q1
SLVSEM4B – JUNE 2018 – REVISED APRIL 2021
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - LSF0204

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LSF0204 TI1-LSF0204 Datasheet
1Mb / 32P
4-Bits Bidirectional Multi-Voltage Level Translator
LSF0204 TI1-LSF0204 Datasheet
477Kb / 21P
Automotive Qualified 4-Bit Auto-Bidirectional Multi-Voltage Level Translator
logo
Nexperia B.V. All right...
LSF0204 NEXPERIA-LSF0204 Datasheet
244Kb / 14P
4-bit bidirectional multi-voltage level translator; open-drain; push-pull
Rev. 2 - 28 October 2020
logo
Texas Instruments
LSF0204 TI2-LSF0204 Datasheet
2Mb / 39P
LSF0204x 4-Bits Bidirectional Multi-Voltage Level Translator for Open-Drain and Push-Pull Application
REVISED APRIL 2021
LSF0204-Q1 TI1-LSF0204-Q1 Datasheet
477Kb / 21P
Automotive Qualified 4-Bit Auto-Bidirectional Multi-Voltage Level Translator
More results

Similar Description - LSF0204

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LSF0101 TI1-LSF0101 Datasheet
1Mb / 39P
Channel Bidirectional Multi-Voltage Level Translator
LSF0204 TI1-LSF0204 Datasheet
1Mb / 32P
4-Bits Bidirectional Multi-Voltage Level Translator
TXB0304 TI1-TXB0304_15 Datasheet
982Kb / 25P
4-Bit Bidirectional Level-Shifter/Voltage Translator
TXB0104-Q1 TI1-TXB0104-Q1_15 Datasheet
1Mb / 29P
TXB0104-Q1 4-Bit Bidirectional Voltage-Level Translator with Automatic Direction Sensing
LSF0102-Q1 TI1-LSF0102-Q1 Datasheet
405Kb / 18P
Automotive 2-Channel Auto Bidirectional Multi-Voltage Level Translator
LSF0204-Q1 TI1-LSF0204-Q1 Datasheet
477Kb / 21P
Automotive Qualified 4-Bit Auto-Bidirectional Multi-Voltage Level Translator
LSF0108-Q1 TI-LSF0108-Q1_V01 Datasheet
1Mb / 31P
LSF0108-Q1 Automotive 8-Channel Multi-Voltage Level Translator
REVISED NOVEMBER 2022
LSF0108-Q1 TI-LSF0108-Q1_V02 Datasheet
1Mb / 35P
LSF0108-Q1 Automotive 8-Channel Multi-Voltage Level Translator
REVISED APRIL 2023
logo
Nexperia B.V. All right...
LSF0204-Q100 NEXPERIA-LSF0204-Q100 Datasheet
240Kb / 14P
4-bit bidirectional multi-voltage level translator; open-drain; push-pull
Rev. 3 - 2 May 2022
LSF0204 NEXPERIA-LSF0204 Datasheet
244Kb / 14P
4-bit bidirectional multi-voltage level translator; open-drain; push-pull
Rev. 2 - 28 October 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com