Electronic Components Datasheet Search
  English  ▼

X  

OPA211 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # OPA211
Description  1.1nV/Noise, Low Power, Precision Operational Amplifier in Tiny DFN-8 Package
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA211 Datasheet(HTML) 4 Page - Texas Instruments

  OPA211 Datasheet HTML 1Page - Texas Instruments OPA211 Datasheet HTML 2Page - Texas Instruments OPA211 Datasheet HTML 3Page - Texas Instruments OPA211 Datasheet HTML 4Page - Texas Instruments OPA211 Datasheet HTML 5Page - Texas Instruments OPA211 Datasheet HTML 6Page - Texas Instruments OPA211 Datasheet HTML 7Page - Texas Instruments OPA211 Datasheet HTML 8Page - Texas Instruments OPA211 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS: V
S = ±2.25V to ±18V
OPA211
OPA2211
SBOS377A – OCTOBER 2006 – REVISED FEBRUARY 2007
BOLDFACE limits apply over the specified temperature range, T
A = –40°C to +125°C.
At T
A = +25°C and RL = 10kΩ, unless otherwise noted.
Standard Grade
High Grade
OPA211A, OPA2211A
OPA211I, OPA2211I(1)
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
OFFSET VOLTAGE
Input Offset Voltage
VOS
±15V
±20
±100
±20
TBD
µV
Drift
dVOS/dT
0.35
1
0.35
µV/°C
vs Power Supply
PSRR
VS = ±2.25V to ±18V
2
TBD
µV/V
INPUT BIAS CURRENT
Input Bias Current
IB
VCM = 0V
30
150
30
TBD
nA
Over Temperature
TBD
TBD
TBD
TBD
nA
Offset Current
IOS
VCM = 0V
10
100
10
TBD
nA
Over Temperature
TBD
TBD
TBD
TBD
nA
NOISE
Input Voltage Noise:
en
f = 0.1Hz to 10Hz
0.1
0.1
µV
PP
Voltage Noise Density:
f = 10Hz
2.5
2.5
nV/
√Hz
f = 100Hz
1.6
1.6
nV/
√Hz
f = 1kHz
1.1
1.1
nV/
√Hz
Input Current Noise Density:
in
f = 10Hz
TBD
TBD
pA/
√Hz
f = 1kHz
1.5
1.5
pA/
√Hz
INPUT VOLTAGE RANGE
Common-Mode Voltage
VCM
(V–)+1.8
(V+)–1.4
(V–)+1.8
(V+)–1.4
V
Range
Common-Mode Rejection
CMRR
(V–)+1.8V < VCM < (V+)–1.4V
114
120
114
120
dB
Ratio
INPUT IMPEDANCE
Differential
Ω || pF
1010||TBD
1010 ||TBD
Common-Mode
Ω || pF
109|| 2
109 || 2
OPEN-LOOP GAIN
Open-Loop Voltage Gain
AOL
(V–)+0.2V < VO < (V+)–0.2V,
RL = 10kΩ
114
120
114
120
dB
AOL
(V–)+0.6V < VO < (V+)–0.6V,
RL = 600Ω
110
114
114
dB
Over Temperature
(V–)+0.6V < VO < (V+)–0.6V,
RL = 600Ω, IO < 25mA
110
114
110
114
dB
FREQUENCY RESPONSE
Gain-Bandwidth Product
GBW
G = 100
80
80
MHz
G = 1
58
58
MHz
Slew Rate
SR
27
27
V/
µs
Settling Time, 0.01%
tS G = –1, 10V Step, CL = 100pF
TBD
TBD
µs
0.0015% (16-bit)
G = –1, 10V Step, CL = 100pF
TBD
TBD
µs
Overload Recovery Time
G = –1
< 1
< 1
µs
Total Harmonic Distortion +
G = +10, f = 20kHz,
THD+N
TBD
TBD
%
Noise
VO = 20VPP, 600Ω
(1)
Shaded cells indicate different specifications from low-grade version of device.
4
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com