Electronic Components Datasheet Search
  English  ▼

X  

OPA211 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # OPA211
Description  1.1nV/Noise, Low Power, Precision Operational Amplifier in Tiny DFN-8 Package
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA211 Datasheet(HTML) 5 Page - Texas Instruments

  OPA211 Datasheet HTML 1Page - Texas Instruments OPA211 Datasheet HTML 2Page - Texas Instruments OPA211 Datasheet HTML 3Page - Texas Instruments OPA211 Datasheet HTML 4Page - Texas Instruments OPA211 Datasheet HTML 5Page - Texas Instruments OPA211 Datasheet HTML 6Page - Texas Instruments OPA211 Datasheet HTML 7Page - Texas Instruments OPA211 Datasheet HTML 8Page - Texas Instruments OPA211 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
www.ti.com
OPA211
OPA2211
SBOS377A – OCTOBER 2006 – REVISED FEBRUARY 2007
ELECTRICAL CHARACTERISTICS: V
S = ±2.25V to ±18V (continued)
BOLDFACE limits apply over the specified temperature range, T
A = –40°C to +125°C.
At T
A = +25°C and RL = 10kΩ, unless otherwise noted.
Standard Grade
High Grade
OPA211A, OPA2211A
OPA211I, OPA2211I(1)
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
OUTPUT
Voltage Output
VOUT
RL = 10kΩ, AOL > 114dB
(V–)+0.2
(V+)–0.2
(V–)+0.2
(V+)–0.2
V
RL = 600Ω, AOL > 110dB
(V–)+0.6
(V+)–0.6
(V–)+0.6
(V+)–0.6
V
RL = 600Ω, AOL > 110dB,
(V–)+0.6
(V+)–0.6
(V–)+0.6
(V+)–0.6
V
IO < 25mA
Short-Circuit Current
ISC
+30/–45
+30/–45
mA
Capacitive Load Drive
CLOAD
See Typical Characteristics
See Typical Characteristics
pF
POWER SUPPLY
Specified Voltage
VS
±2.25
±18
±2.25
±18
V
Quiescent Current
IQ
IOUT = 0
3.6
TBD
3.6
TBD
mA
(per channel)
Over Temperature
TBD
TBD
TBD
TBD
mA
Shutdown Current
Disabled
TBD
20
TBD
20
µA
ENABLE Pin Input Voltage
Enabled
(V+)–3
(V+)–3
V
ENABLE Pin Input Voltage
Disabled
(V+)–0.35
(V+)–0.35
V
TEMPERATURE RANGE
Specified Range
–40
+125
–40
+125
°C
Operating Range
–55
+150
–55
+150
°C
Thermal Resistance
θ
JA
Soldered to approximately
DFN (3mm
× 3mm)
65
65
°C/W
5cm
× 5cm copper area
SO-8, MSOP-8
150
150
°C/W
5
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com