Electronic Components Datasheet Search
  English  ▼

X  

OPA211 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # OPA211
Description  1.1nV/Noise, Low Power, Precision Operational Amplifier in Tiny DFN-8 Package
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA211 Datasheet(HTML) 3 Page - Texas Instruments

  OPA211 Datasheet HTML 1Page - Texas Instruments OPA211 Datasheet HTML 2Page - Texas Instruments OPA211 Datasheet HTML 3Page - Texas Instruments OPA211 Datasheet HTML 4Page - Texas Instruments OPA211 Datasheet HTML 5Page - Texas Instruments OPA211 Datasheet HTML 6Page - Texas Instruments OPA211 Datasheet HTML 7Page - Texas Instruments OPA211 Datasheet HTML 8Page - Texas Instruments OPA211 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
www.ti.com
1
2
3
4
8
7
6
5
V+
OUTB
-INB
+INB
OUTA
-INA
+INA
V-
OPA2211
MSOP-8
A
B
1
2
3
4
8
7
6
5
V+
OUTB
-INB
+INB
OUTA
-INA
+INA
V-
OPA2211
Exposed
Thermal
DiePad
on
Underside
(2)
DFN-8(3x3mm)
1
2
3
4
8
7
6
5
Enable
(3)
V+
OUT
NC
(1)
NC
(1)
-IN
+IN
V-
OPA211
MSOP-8
1
2
3
4
8
7
6
5
NC
(1)
V+
OUT
NC
(1)
NC
(1)
-IN
+IN
V-
OPA211
SO-8
1
2
3
4
8
7
6
5
Enable
(3)
V+
OUT
NC
(1)
NC
(1)
-IN
+IN
V-
OPA211
Exposed
Thermal
DiePad
on
Underside
(2)
DFN-8(3x3mm)
(1)NCdenotesnointernalconnection.Pincanbeleftfloatingorconnectedtoanyvoltagebetween(V )and(V+).
(2)ConnectthermaldiepadtoV .
(3)Enablefunction:(V )
ENABLED
(V+)
3V;DISABLED
(V+)
0.35V.
-
-
£
³
-
£
-
-
OPA211
OPA2211
SBOS377A – OCTOBER 2006 – REVISED FEBRUARY 2007
PIN CONFIGURATIONS
3
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com