Electronic Components Datasheet Search
  English  ▼

X  

OPA211 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # OPA211
Description  1.1nV/?숰z Noise, Low Power, Precision Operational Amplifier in Small DFN-8 Package
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA211 Datasheet(HTML) 7 Page - Texas Instruments

Back Button OPA211 Datasheet HTML 3Page - Texas Instruments OPA211 Datasheet HTML 4Page - Texas Instruments OPA211 Datasheet HTML 5Page - Texas Instruments OPA211 Datasheet HTML 6Page - Texas Instruments OPA211 Datasheet HTML 7Page - Texas Instruments OPA211 Datasheet HTML 8Page - Texas Instruments OPA211 Datasheet HTML 9Page - Texas Instruments OPA211 Datasheet HTML 10Page - Texas Instruments OPA211 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
www.ti.com
1
10
160
140
100
80
60
40
0
Frequency(Hz)
100M
10k
100
1k
100k
20
120
1M
10M
-PSRR
+PSRR
10k
140
100
80
60
40
0
Frequency(Hz)
100M
1M
100k
20
120
10M
10
10k
0.1
Frequency(Hz)
100M
1
100
1k
10k
10
100
1k
100k
10M
1M
100
1k
140
120
100
80
60
40
-20
Frequency(Hz)
100M
1M
10k
100k
10M
20
0
180
135
90
45
0
Gain
Phase
-
75
5
-
5
Temperature( C)
°
200
2
-
50 -25
0
3
4
25
75
50
1
100 125 150 175
0
-
1
-
2
-
3
-
4
300mVSwingFromRails
200mVSwingFromRails
R =10kW
L
OPA211
OPA2211
SBOS377D – OCTOBER 2006 – REVISED FEBRUARY 2008
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C, VS = ±18V, and RL = 10kΩ, unless otherwise noted.
POWER-SUPPLY REJECTION RATIO
COMMON-MODE REJECTION RATIO
vs FREQUENCY (Referred to Input)
vs FREQUENCY
Figure 6.
Figure 7.
OPEN-LOOP OUTPUT IMPEDANCE
vs FREQUENCY
GAIN AND PHASE vs FREQUENCY
Figure 8.
Figure 9.
OPEN-LOOP GAIN vs TEMPERATURE
Figure 10.
Copyright © 2006–2008, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): OPA211 OPA2211



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com