Electronic Components Datasheet Search
  English  ▼

X  

OPA211 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # OPA211
Description  1.1nV/?숰z Noise, Low Power, Precision Operational Amplifier in Small DFN-8 Package
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA211 Datasheet(HTML) 16 Page - Texas Instruments

Back Button OPA211 Datasheet HTML 9Page - Texas Instruments OPA211 Datasheet HTML 10Page - Texas Instruments OPA211 Datasheet HTML 11Page - Texas Instruments OPA211 Datasheet HTML 12Page - Texas Instruments OPA211 Datasheet HTML 13Page - Texas Instruments OPA211 Datasheet HTML 14Page - Texas Instruments OPA211 Datasheet HTML 15Page - Texas Instruments OPA211 Datasheet HTML 16Page - Texas Instruments OPA211 Datasheet HTML 17Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
www.ti.com
R
1
R
2
E
O
R
1
R
2
E
O
R
S
V
S
R
S
V
S
NoiseinNoninvertingGainConfiguration
NoiseinInvertingGainConfiguration
Noiseattheoutput:
E
=
O
2
Wheree = Ö
S
S
4kTR ´
=thermalnoiseofR
S
2
1+
R
2
R
1
e
+e
n
1
2
n
2
S
S
+e
+(i R ) +e
+(i
n
R )
2
2
2
2
2
2
1+
R
2
R
1
R
2
R
1
e = Ö
1
1
4kTR ´
=thermalnoiseofR
1
2
1+
R
2
R
1
e = Ö
2
2
2
4kTR =thermalnoiseofR
Noiseattheoutput:
E
=
O
2
Wheree = 4kTR
Ö
S
S
´
=thermalnoiseofR
S
2
1+
R
2
R +R
1
S
e
+e
n
1
2
n
2
S
+e
+(i R ) +e
2
2
2
2
2
R
2
R +R
1
S
R
2
R +R
1
S
e = 4kTR
Ö
1
1
´
=thermalnoiseofR
1
e = 4kTR
Ö
2
2
2
=thermalnoiseofR
FortheOPA211seriesopampsat1kHz,e =1.1nV/ Hzandi =1.7pA/ Hz.
Ö
Ö
n
n
R
2
OPA211
R
1
SignalGain=1+
DistortionGain=1+
R
3
V =3V
O
RMS
Generator
Output
Analyzer
Input
AudioPrecision
SystemTwo
(1)
withPCController
R
600W
L
SIG.
GAIN
DIST.
GAIN
R
1
R
2
R
3
¥
100W
1kW
1kW
10W
11W
1
11
101
101
R
2
R
1
R
2
R IIR
1
3
NOTE:(1)MeasurementBW=80kHz.
OPA211
OPA2211
SBOS377D – OCTOBER 2006 – REVISED FEBRUARY 2008
Figure 41. Noise Calculation in Gain Configurations
Figure 42. Distortion Test Circuit
16
Submit Documentation Feedback
Copyright © 2006–2008, Texas Instruments Incorporated
Product Folder Link(s): OPA211 OPA2211



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com