Electronic Components Datasheet Search
  English  ▼

X  

OPA211 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # OPA211
Description  1.1nV/?숰z Noise, Low Power, Precision Operational Amplifier in Small DFN-8 Package
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA211 Datasheet(HTML) 12 Page - Texas Instruments

Back Button OPA211 Datasheet HTML 8Page - Texas Instruments OPA211 Datasheet HTML 9Page - Texas Instruments OPA211 Datasheet HTML 10Page - Texas Instruments OPA211 Datasheet HTML 11Page - Texas Instruments OPA211 Datasheet HTML 12Page - Texas Instruments OPA211 Datasheet HTML 13Page - Texas Instruments OPA211 Datasheet HTML 14Page - Texas Instruments OPA211 Datasheet HTML 15Page - Texas Instruments OPA211 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
www.ti.com
Time(0.5 s/div)
m
0V
V
IN
V
OUT
G= 10
-
1kW
10kW
V
IN
V
OUT
OPA211
Time(0.5 s/div)
m
0V
V
IN
V
OUT
G= 10
-
1kW
10kW
V
IN
V
OUT
OPA211
0.5ms/div
Output
+18V
-18V
37V
PP
( 18.5V)
±
Output
OPA211
0
10
20
30
40
50
70
60
I
(mA)
OUT
20
15
10
5
0
-5
-10
-15
-20
+125 C
°
0 C
°
+85 C
°
+125 C
°
+85 C
°
+150 C
°
-
°
55 C
0 C
°
OPA211
OPA2211
SBOS377D – OCTOBER 2006 – REVISED FEBRUARY 2008
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C, VS = ±18V, and RL = 10kΩ, unless otherwise noted.
NEGATIVE OVERLOAD RECOVERY
POSITIVE OVERLOAD RECOVERY
Figure 34.
Figure 35.
OUTPUT VOLTAGE vs OUTPUT CURRENT
NO PHASE REVERSAL
Figure 36.
Figure 37.
12
Submit Documentation Feedback
Copyright © 2006–2008, Texas Instruments Incorporated
Product Folder Link(s): OPA211 OPA2211



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com