Electronic Components Datasheet Search
  English  ▼

X  

MAX19713 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX19713
Description  10-Bit, 45Msps, Full-Duplex Analog Front-End
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX19713 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX19713 Datasheet HTML 7Page - Maxim Integrated Products MAX19713 Datasheet HTML 8Page - Maxim Integrated Products MAX19713 Datasheet HTML 9Page - Maxim Integrated Products MAX19713 Datasheet HTML 10Page - Maxim Integrated Products MAX19713 Datasheet HTML 11Page - Maxim Integrated Products MAX19713 Datasheet HTML 12Page - Maxim Integrated Products MAX19713 Datasheet HTML 13Page - Maxim Integrated Products MAX19713 Datasheet HTML 14Page - Maxim Integrated Products MAX19713 Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
10-Bit, 45Msps, Full-Duplex
Analog Front-End
______________________________________________________________________________________
11
Rx ADC SPURIOUS-FREE DYNAMIC RANGE
vs. ANALOG INPUT AMPLITUDE
ANALOG INPUT AMPLITUDE (dBFS)
-5
-25
-20
35
40
45
50
55
65
70
75
80
60
30
-30
0
-10
-15
QA
IA
fIN = 13.057251MHz
Rx ADC SIGNAL-TO-NOISE RATIO
vs. SAMPLING FREQUENCY
SAMPLING FREQUENCY (MHz)
30
10
15
52.5
53.0
53.5
54.0
54.5
55.5
56.0
56.5
57.0
55.0
52.0
545
25
40
35
20
QA
IA
fIN = 13.024292MHz
Rx ADC SIGNAL-TO-NOISE AND DISTORTION
RATIO vs. SAMPLING FREQUENCY
SAMPLING FREQUENCY (MHz)
30
10
15
52.5
53.0
53.5
54.0
54.5
55.5
56.0
56.5
57.0
55.0
52.0
545
25
40
35
20
QA
IA
fIN = 13.024292MHz
Rx ADC TOTAL HARMONIC DISTORTION
vs. SAMPLING FREQUENCY
SAMPLING FREQUENCY (MHz)
30
10
15
60
65
70
75
80
85
55
545
25
40
35
20
QA
IA
fIN = 13.024292MHz
Rx ADC SPURIOUS-FREE DYNAMIC
RANGE vs. SAMPLING FREQUENCY
SAMPLING FREQUENCY (MHz)
30
10
15
65
60
70
75
80
85
90
55
545
25
40
35
20
QA
IA
fIN = 13.024292MHz
Rx ADC SIGNAL-TO-NOISE RATIO
vs. CLOCK DUTY CYCLE
CLOCK DUTY CYCLE (%)
45
47.5
45.0
50.0
55.0
52.5
57.5
62.5
60.0
65.0
40.0
42.5
40
60
50
55
QA
IA
fIN = 13.024292MHz
Rx ADC SIGNAL-TO-NOISE AND DISTORTION
RATIO vs. CLOCK DUTY CYCLE
CLOCK DUTY CYCLE (%)
45
47.5
45.0
50.0
55.0
52.5
57.5
62.5
60.0
65.0
40.0
42.5
40
60
50
55
QA
IA
fIN = 13.024292MHz
Typical Operating Characteristics (continued)
(VDD = 3V, OVDD = 1.8V, internal reference (1.024V), CL
≈ 10pF on all digital outputs, fCLK = 45MHz (50% duty cycle), Rx ADC input
amplitude = -0.5dBFS, Tx DAC output amplitude = 0dBFS, CM1 = 0, CM0 = 0, differential Rx ADC input, differential Tx DAC output,
CREFP = CREFN = CCOM = 0.33µF, TA = +25°C, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com