Electronic Components Datasheet Search
  English  ▼

X  

MAX19713 Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX19713
Description  10-Bit, 45Msps, Full-Duplex Analog Front-End
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX19713 Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX19713 Datasheet HTML 9Page - Maxim Integrated Products MAX19713 Datasheet HTML 10Page - Maxim Integrated Products MAX19713 Datasheet HTML 11Page - Maxim Integrated Products MAX19713 Datasheet HTML 12Page - Maxim Integrated Products MAX19713 Datasheet HTML 13Page - Maxim Integrated Products MAX19713 Datasheet HTML 14Page - Maxim Integrated Products MAX19713 Datasheet HTML 15Page - Maxim Integrated Products MAX19713 Datasheet HTML 16Page - Maxim Integrated Products MAX19713 Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 37 page
background image
10-Bit, 45Msps, Full-Duplex
Analog Front-End
______________________________________________________________________________________
13
Tx DAC CHANNEL-ID TWO-TONE
SPECTRAL PLOT
FREQUENCY (MHz)
-70
-40
-20
-30
-60
-50
-10
0
-90
-80
fOUT1 = 4MHz, fOUT2 = 4.5MHz
0
2.5 5.0 7.5 10.0 12.5 15.0 17.5 20.0 22.5
Tx DAC CHANNEL-QD TWO-TONE
SPECTRAL PLOT
FREQUENCY (MHz)
-70
-40
-20
-30
-60
-50
-10
0
-90
-80
fOUT1 = 4MHz, fOUT2 = 4.5MHz
0
2.5 5.0 7.5 10.0 12.5 15.0 17.5 20.0 22.5
SUPPLY CURRENT
vs. SAMPLING FREQUENCY
SAMPLING FREQUENCY (MHz)
15
25
30
35
40
15
20
545
25
35
10
40
20
30
fIN = 13.024292MHz,
fOUT = 5.498MHz,
FD MODE
Rx ADC INTEGRAL NONLINEARITY
DIGITAL OUTPUT CODE
0
128 256 384 512 640 768 896 1024
-1.50
-1.25
-1.00
-0.75
-0.50
-0.25
0
0.25
0.50
0.75
1.00
1.25
1.50
Rx ADC DIFFERENTIAL NONLINEARITY
DIGITAL OUTPUT CODE
0
128 256 384 512 640 768 896 1024
-1.0
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1.0
Tx DAC DIFFERENTIAL NONLINEARITY
DIGITAL INPUT CODE
0
128 256 384 512 640 768 896 1024
-0.6
-0.5
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
0.6
REFERENCE OUTPUT VOLTAGE
vs. TEMPERATURE
TEMPERATURE (
°C)
-40
-15
10
35
60
85
0.500
0.505
0.510
0.515
0.520
VREFP - VREFN
AUX-DAC INTEGRAL NONLINEARITY
DIGITAL INPUT CODE
0
512 1024 1536 2048 2560 3072 3584 4096
-2.0
-1.5
-1.0
-0.5
0
0.5
1.0
1.5
2.0
Typical Operating Characteristics (continued)
(VDD = 3V, OVDD = 1.8V, internal reference (1.024V), CL
≈ 10pF on all digital outputs, fCLK = 45MHz (50% duty cycle), Rx ADC input
amplitude = -0.5dBFS, Tx DAC output amplitude = 0dBFS, CM1 = 0, CM0 = 0, differential Rx ADC input, differential Tx DAC output,
CREFP = CREFN = CCOM = 0.33µF, TA = +25°C, unless otherwise noted.)
Tx DAC INTEGRAL NONLINEARITY
DIGITAL INPUT CODE
0
128 256 384 512 640 768 896 1024
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com