Electronic Components Datasheet Search
  English  ▼

X  

640468 Datasheet(PDF) 45 Page - TE Connectivity Ltd

Part # 640468
Description  MTA, CST-100 II, SL-156 and AMP Economy Power (EP) Connectors
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

640468 Datasheet(HTML) 45 Page - TE Connectivity Ltd

Back Button 640468 Datasheet HTML 41Page - TE Connectivity Ltd 640468 Datasheet HTML 42Page - TE Connectivity Ltd 640468 Datasheet HTML 43Page - TE Connectivity Ltd 640468 Datasheet HTML 44Page - TE Connectivity Ltd 640468 Datasheet HTML 45Page - TE Connectivity Ltd 640468 Datasheet HTML 46Page - TE Connectivity Ltd 640468 Datasheet HTML 47Page - TE Connectivity Ltd 640468 Datasheet HTML 48Page - TE Connectivity Ltd 640468 Datasheet HTML 49Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 84 page
background image
45
Closed End
Feed-Thru
.840
[21.34]
.126
[3.20]
.100
[2.54]
.045
[1.14]
Sq.
9
1.560
1.408
-9
39.62
35.76
12
2.028
1.876
1-
-2
51.51
47.65
15
2.496
2.344
1-
-5
63.40
59.54
24
3.900
3.748
2-
-4
99.06
95.20
No. of
Dim.
Prefix/
Circuits
AB
Suffix
A Dim.
.045
[1.14] Sq.
.370
[9.4]
.105
[2.67]
.355
[9.02]
.487
[12.37]
Ref.
1.010
[25.65]
B
Dim.
.156
[3.96]
[
]
± .010
± 0.25
A Dim.
.045
[1.14] Sq.
.370
[9.4]
.105
[2.67]
.385
[9.78]
.487
[12.37]
Ref.
1.010
[25.65]
B
Dim.
p
.156
[3.96]
[
]
± .010
± 0.25
Performance Data
Voltage Rating — 600 VAC
Current Rating — 7 amp max.
Low-Level Resistance —
7 m
max. initial
Dielectric Withstanding Voltage —
1500 VAC/1 min.
Insulation Resistance —
5000 M
min. initial
Operating Temperature —
-55 C to
105 C
Wire Size
Part
AWG
mm2
Numbers
18
0.8-0.9
3-641425-1
20
0.5-0.6
3-641426-1
22
0.3-0.4
3-641427-1
24
0.2
3-641428-1
26
0.12-0.15
3-641429-1
Technical Documents
Product Specification
108-1065
MTA-156 Posted
Connector
Application Specification
114-1020
MTA-156 Connectors,
Posted Connectors and
Card Edge Connectors
Replacement IDC Contacts
Material and Finish
Contacts — Copper alloy, post tin
plated over nickel
Base Part Numbers
Connector Type
Closed End Connector1
Feed-Thru Connector1
& Wire Size
Part Nos.
RoHS Equiv.
Part Nos.
RoHS Equiv.
Standard UL 94V-2, Tin Plated
18 AWG
641435
32, 33, 34, 36, 39, 42, 45, 54
641522
32, 33, 34, 36, 39, 42, 45, 54
0.8-0.9 mm2
20 AWG
641436
32, 33, 34, 36, 39, 42, 45, 54
641523
32, 33, 34, 36, 39, 42, 45, 54
0.5-0.6 mm2
22 AWG
641437
32, 33, 34, 36, 39, 42, 45, 54
641524
32, 33, 34, 36, 39, 42, 45, 54
0.3-0.4 mm2
24 AWG
641438
32, 33, 34, 36, 39, 42, 45, 54
641525
32, 33, 34, 36, 39, 42, 45, 54
0.2 mm2
26 AWG
641439
32, 33, 34, 36, 39, 42, 45, 54
641526
32, 33, 34, 36, 39, 42, 45, 54
0.12-0.15 mm2
Standard UL 94V-2, .000030 [0.00076] Gold Plated
18 AWG
644807
32, 33, 34, 36, 39, 42, 45, 54
644812
32, 33, 34, 36, 39, 42, 45, 54
0.8-0.9 mm2
20 AWG
—2
——2
—
0.5-0.6 mm2
22 AWG
644809
32, 33, 34, 36, 39, 42, 45, 54
644814
32, 33, 34, 36, 39, 42, 45, 54
0.3-0.4 mm2
24 AWG
—2
——2
—
0.2 mm2
26 AWG
—2
——2
—
0.12-0.15 mm2
Standard UL 94V-2, .000015 [0.00038] Gold Plated
18 AWG
647476
32, 33, 34, 36, 39, 42, 45, 54
647481
32, 33, 34, 36, 39, 42, 45, 54
0.8-0.9 mm2
22 AWG
643995
32, 33, 34, 36, 39, 42, 45, 54
647497
32, 33, 34, 36, 39, 42, 45, 54
0.3-0.4 mm2
1
MTA-156 Posted Connectors (Closed End and Feed-Thru) will Only mate with MTA-156 connectors with locking
ramp and without polarizing tabs. They will NOT mate with MTA-156 Quad Connectors.
2
Parts can be made available upon request. Minimums may apply.
No. of
Dim.
Circuits
AB
Suffix
2
.468
.316
-2
11.89
8.03
3
.624
.472
-3
15.85
11.99
4
.780
.628
-4
19.81
15.95
6
1.092
.940
-6
27.74
23.88
Material and Finish
Housing — UL 94V-2 rated, nylon,
see chart for color
Contacts — Copper alloy, post tin or
.000030 [.00076] gold plated over
nickel
Notes:
1. Mating half visuals - pages 36 thru 39.
2. Strain relief & dust covers - pages 40
& 41.
3. Approved wire listing - page 70.
Connector Ordering
Information
The “Base Part Numbers” Chart
at right shows the base part
number and number of circuits
available for the described
connectors.
Prefixes and suffixes are deter-
mined by the number of circuit
positions in the connector. For
example, the complete part
number for a 12-position
closed end connector for
18 AWG wire would be:
Base number 641435 plus
prefix-and-suffix
4- — -2
The correct ordering number is
4-641435-2
See page 15 for an explanation of
RoHS lead free equivalents.
Note: All RoHS equivalent part num-
bers may not be available upon cat-
alog release. If the number you
need is not available, please contact
Product Engineering to expedite
your request.
Color Coding by Wire Size
for UL 94V-2 Connectors
18 AWG —Orange
20 AWG — Yellow
22 AWG — Red
24 AWG — White
26 AWG — Blue
MTA-156 IDC Posted Connectors (Wire-to-Wire)—Closed End, Feed-Thru
MTA, CST-100 II, SL-156 and
AMP Economy Power (EP) Connectors
Catalog 82056
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 6-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 52-55-1106-0800
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 57-1-254-4444
UK: 44-208-420-8341



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com