Electronic Components Datasheet Search
  English  ▼

X  

640468 Datasheet(PDF) 55 Page - TE Connectivity Ltd

Part # 640468
Description  MTA, CST-100 II, SL-156 and AMP Economy Power (EP) Connectors
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

640468 Datasheet(HTML) 55 Page - TE Connectivity Ltd

Back Button 640468 Datasheet HTML 51Page - TE Connectivity Ltd 640468 Datasheet HTML 52Page - TE Connectivity Ltd 640468 Datasheet HTML 53Page - TE Connectivity Ltd 640468 Datasheet HTML 54Page - TE Connectivity Ltd 640468 Datasheet HTML 55Page - TE Connectivity Ltd 640468 Datasheet HTML 56Page - TE Connectivity Ltd 640468 Datasheet HTML 57Page - TE Connectivity Ltd 640468 Datasheet HTML 58Page - TE Connectivity Ltd 640468 Datasheet HTML 59Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 84 page
background image
55
Closed End with Locking Ramp
without Polarizing Tabs
with Polarizing Tabs
with Polarizing Tabs
.156
[3.96]
Typ.
A
.097
[2.46]
.100
[2.54]
.308
[7.82]
.725
[18.42]
.245
[6.22]
.100
[2.54]
.325
[8.26]
.355
[9.02]
.280
[7.11]
.180
[4.57]
.230
[5.84]
.090
[2.29]
without Polarizing Tabs
.725
[18.42]
.245
[6.22]
.100
[2.54]
.325
[8.26]
.385
[9.78]
.230
[5.84]
.180
[4.57]
.090
[2.29]
.280
[7.11]
Feed-Thru with Locking Ramp
.156
[3.96]
Typ.
A
.097
[2.46]
AWG
.100
[2.54]
.308
[7.82]
Base Part Numbers
Closed End with Locking Ramp
Feed-Thru with Locking Ramp
Without Tabs
With Tabs
Without Tabs
With Tabs
Connector Type
& Wire Size
Connector
RoHS
Connector
RoHS
Connector
RoHS
Connector
RoHS
Part Nos.
Equiv.
Part Nos.
Equiv.
Part Nos.
Equiv.
Part Nos.
Equiv.
Standard UL94V-0, Tin Plated
18 AWG
644329
32–42
644381
32–42
644375
32–42
644387
32–42
0.8-0.9 mm2
20 AWG
644370
32–42
644382
32–42
644376
32–42
644388
32–42
0.5-0.6 mm2
22 AWG
644371
32–42
644383
32–42
644377
32–42
644389
32–42
0.3-0.4 mm2
Material and Finish
Housing — UL94V-0 rated, nylon,
black
Contacts — High conductivity copper
alloy, post tin plated
For mateability options, see
matrix on page 54.
For strain relief and dust
covers, see pages 40
and 41.
For mating half visuals, see
pages 46 thru 48 and 50,
52 and 53, (49 and 51 Front
Bend Headers only). Mates
with tin-plated square posts
only.
Refer to pages 70 thru 74
for approved wire listing.
Note: To determine connector overall
length (Dim. A), multiply .156 x the
number of circuits. Example: .156 x
10 circuits equals 1.560 inches
[39.62 mm].
Note: Tyco Electronics does not rec-
ommend terminating an MTA contact
more than one time. Use replace-
ment contacts when required for
field repairs or wire gage changes.
Wire Size
Part
AWG
mm2
Numbers
18
0.8-0.9
3-644508-1
20
0.5-0.6
3-644509-1
22
0.3-0.4
3-644510-1
.562
[14.27]
.116
[2.95]
AWG
AWG
AWG
Connector Ordering
Information
The “Base Part Numbers”
Chart above shows the base
part number and number of
circuits available for the
described connectors.
Prefixes and suffixes are deter-
mined by the number of circuit
positions in the connector. For
example, the complete part
number for a 10-position
closed end connector with
locking ramp and without
polarizing tabs for 18 AWG
wire would be:
Base number 644329 plus
prefix-and-suffix
1- — -0
The correct ordering number is
1-644329-0
The set of numbers in bold face
are the RoHS equivalent ver-
sion of the standard product.
Example:
No. of
Standard
Lead Free
Pos.
Prefix/Suffix
RoHS
Prefix/Suffix
2
644329–2
3-644329–2
thru
12
1-644329-2
4-644329-2
See page 15 for an explanation of
RoHS lead free equivalents.
Note: All RoHS equivalent part num-
bers may not be available upon cat-
alog release. If the number you
need is not available, please contact
Product Engineering to expedite
your request.
Replacement IDC Contacts
Material and Finish
Contacts — High conductivity copper
alloy post tin plated
MTA-156 IDC Quad Connectors—Closed End and Feed-Thru
MTA, CST-100 II, SL-156 and
AMP Economy Power (EP) Connectors
Catalog 82056
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 6-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 52-55-1106-0800
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 57-1-254-4444
UK: 44-208-420-8341



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com