Electronic Components Datasheet Search
  English  ▼

X  

640468 Datasheet(PDF) 56 Page - TE Connectivity Ltd

Part # 640468
Description  MTA, CST-100 II, SL-156 and AMP Economy Power (EP) Connectors
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

640468 Datasheet(HTML) 56 Page - TE Connectivity Ltd

Back Button 640468 Datasheet HTML 52Page - TE Connectivity Ltd 640468 Datasheet HTML 53Page - TE Connectivity Ltd 640468 Datasheet HTML 54Page - TE Connectivity Ltd 640468 Datasheet HTML 55Page - TE Connectivity Ltd 640468 Datasheet HTML 56Page - TE Connectivity Ltd 640468 Datasheet HTML 57Page - TE Connectivity Ltd 640468 Datasheet HTML 58Page - TE Connectivity Ltd 640468 Datasheet HTML 59Page - TE Connectivity Ltd 640468 Datasheet HTML 60Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 84 page
background image
56
.170
[4.32]
.156
[3.96]
Typ.
A
B
C
.161
[4.09]
.094
[2.39]
.380
[9.65]
.075
[1.91]
.677
[17.2]
.440
[11.18]
Ref.
.300
[7.62]
.125
[3.18]
Dia.
.312
[7.92
]
± .005
± 0.13
.015
[0.38
]
± .005
± 0.13
.100
[2.54]
Min.
.100
[2.54]
Min.
Circuitry
side
.090
[2.29]
Min.
.156
[3.96]
Typ.
x 45° Cham.
Both sides
D
[
]
± .005
± 0.13
Recommended PC Board Layout
for .062 [1.57] Thk. PC Board
B
E
.145
[3.68]
.375
[9.53]
.138
[3.51]
.075
[1.91]
R.
.130
[3.3]
Typ.
Recommended Panel Cutout
Material and Finish
Housing — UL94V-0 rated, polyester,
see chart for color
Contacts — Phosphor bronze, post tin
plated
Note: Refer to pages 70 thru 74 for
approved wire listings.
Color Coding by Wire Size for
UL94V-0 Connectors
26 AWG — Blue
24 AWG — White
22 AWG — Red
20 AWG — Yellow
18 AWG — Orange
Connector Ordering
Information
The “Base Part Numbers”
Chart at right shows the
base part number and num-
ber of circuits available for
the described connectors.
Prefixes and suffixes are
determined by the number
of circuit positions in the
connector. For example, the
complete part number for a
12-position closed end con-
nector without mounting ears
for 18 AWG wire would be:
Base number 640859 plus
prefix-and-suffix
1- — -2
The correct ordering num-
ber is
1-640859-2
See page 15 for an explanation of
RoHS lead free equivalents.
Performance Data
Voltage Rating — 600 vac
Current Rating — 5 amp max.
Low-Level Resistance —
7 m
max. initial
Dielectric Withstanding Voltage —
1250 vac/1 min.
Insulation Resistance —
5000 M
min. initial
Operating Temperature —
55 C to
105 C
Technical Documents
Product Specification
108-1058
MTA-156 Card Edge
Connectors
Application Specification
114-1020
MTA-156 Connectors,
Posted Connectors and
Card Edge Connectors
Base Part Numbers
Closed End
Feed-Thru
Connector Type
Without
With
Without
With
& Wire Size
Mounting Ears
Mounting Ears
Mounting Ears
Mounting Ears
No. of
No. of
No. of
No. of
Connector
Circuits/
Connector
Circuits/
Connector
Circuits/
Connector
Circuits/
Part Nos.
RoHS
Part Nos.
RoHS
Part Nos.
RoHS
Part Nos.
RoHS
Equiv.
Equiv.
Equiv.
Equiv.
Standard UL94V-0, Tin Plated
3, 6, 9, 12,
3, 6, 9, 12,
3, 6, 9, 12,
3, 6, 9, 12,
18 AWG
640859
15,18, 20-24
640864
15,18, 20-24
641283
15,18, 20-24
641288
15,18, 20-24
0.8-0.9 mm2
33, 36, 39, 42,
33, 36, 39, 42,
33, 36, 39, 42,
33, 36, 39, 42,
45, 48, 50-54
45, 48, 50-54
45, 48, 50-54
45, 48, 50-54
3, 6, 9, 12,
3, 6, 9, 12,
3, 6, 9, 12,
3, 6, 9, 12,
20 AWG
640860
15,18, 20-24
640865
15,18, 20-24
641284
15,18, 20-24
641289
15,18, 20-24
0.5-0.6 mm2
33, 36, 39, 42,
33, 36, 39, 42,
33, 36, 39, 42,
33, 36, 39, 42,
45, 48, 50-54
45, 48, 50-54
45, 48, 50-54
45, 48, 50-54
3, 6, 9, 12,
3, 6, 9, 12,
3, 6, 9, 12,
3, 6, 9, 12,
22 AWG
640861
15,18, 20-24
640866
15,18, 20-24
641285
15,18, 20-24
641290
15,18, 20-24
0.3-0.4 mm2
33, 36, 39, 42,
33, 36, 39, 42,
33, 36, 39, 42,
33, 36, 39, 42,
45, 48, 50-54
45, 48, 50-54
45, 48, 50-54
45, 48, 50-54
3, 6, 9, 12,
3, 6, 9, 12,
3, 6, 9, 12,
3, 6, 9, 12,
24 AWG
640862
15,18, 20-24
640867
15,18, 20-24
641286
15,18, 20-24
641291
15,18, 20-24
0.2 mm2
33, 36, 39, 42,
33, 36, 39, 42,
33, 36, 39, 42,
33, 36, 39, 42,
45, 48, 50-54
45, 48, 50-54
45, 48, 50-54
45, 48, 50-54
3, 6, 9, 12,
3, 6, 9, 12,
3, 6, 9, 12,
3, 6, 9, 12,
26 AWG
640863
15,18, 20-24
640868
15,18, 20-24
641287
15,18, 20-24
641292
15,18, 20-24
0.12-0.15 mm2
33, 36, 39, 42,
33, 36, 39, 42,
33, 36, 39, 42,
33, 36, 39, 42,
45, 48, 50-54
45, 48, 50-54
45, 48, 50-54
45, 48, 50-54
No. of
Dimensions
Prefix/
Circuits
AB
C
DE
Suffix
3
.500 [12.70]
.926 [23.52]
1.248 [31.70]
.484 [12.29]
.650 [16.51]
-3
6
.968 [24.59]
1.394 [35.41]
1.716 [43.59]
.952 [24.18]
1.118 [28.40]
-6
9
1.436 [36.47]
1.862 [47.29]
2.184 [55.47]
1.420 [36.07]
1.586 [40.28]
-9
12
1.904 [48.36]
2.330 [59.18]
2.652 [67.36]
1.888 [47.96]
2.054 [52.17]
1-
-2
15
2.372 [60.25]
2.798 [71.07]
3.120 [79.25]
2.356 [59.84]
2.522 [64.06]
1-
-5
18
2.840 [72.14]
3.266 [82.96]
3.588 [91.14]
2.824 [71.73]
2.990 [75.95]
1-
-8
20
3.152 [80.06]
3.578 [90.88]
3.900 [99.06]
3.136 [79.65]
3.302 [83.87]
2-
-0
21
3.308 [84.02]
3.734 [94.84]
4.056 [103.02]
3.292 [83.62]
3.458 [87.83]
2-
-1
22
3.464 [87.99]
3.890 [98.81]
4.212 [106.98]
3.448 [87.58]
3.614 [91.80]
2-
-2
23
3.620 [91.95]
4.046 [102.77]
4.368 [110.95]
3.604 [91.54]
3.770 [95.76]
2-
-3
24
3.776 [95.91]
4.202 [106.73]
4.524 [114.91]
3.760 [95.50]
3.926 [99.72]
2-
-4
MTA-156 IDC Card Edge Connectors—Closed End and Feed-Thru
MTA, CST-100 II, SL-156 and
AMP Economy Power (EP) Connectors
Catalog 82056
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 6-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 52-55-1106-0800
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 57-1-254-4444
UK: 44-208-420-8341



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com