Electronic Components Datasheet Search
  English  ▼

X  

TMS320DM647 Datasheet(PDF) 146 Page - Texas Instruments

Part # TMS320DM647
Description  Digital Media Processor
PDF  167 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM647 Datasheet(HTML) 146 Page - Texas Instruments

Back Button TMS320DM647_08 Datasheet HTML 142Page - Texas Instruments TMS320DM647_08 Datasheet HTML 143Page - Texas Instruments TMS320DM647_08 Datasheet HTML 144Page - Texas Instruments TMS320DM647_08 Datasheet HTML 145Page - Texas Instruments TMS320DM647_08 Datasheet HTML 146Page - Texas Instruments TMS320DM647_08 Datasheet HTML 147Page - Texas Instruments TMS320DM647_08 Datasheet HTML 148Page - Texas Instruments TMS320DM647_08 Datasheet HTML 149Page - Texas Instruments TMS320DM647_08 Datasheet HTML 150Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 167 page
background image
www.ti.com
TMS320DM647/TMS320DM648
Digital Media Processor
SPRS372A – MAY 2007 – REVISED JUNE 2007
Table 6-64. 3-port Gigabit Switch Registers (continued)
HEX ADDRESS RANGE
REGISTER NAME
DESCRIPTION
0x02D0 306C
CPDMA_Rx_Ch_Map
3pGSw CPDMA RX (Port 2 Tx) Switch Priority to DMA channel
Mapping Register
0x02D0 3070 - 0x02D0 307C
Reserved
Reserved
0x02D0 3080
GMAC0_IDVER
GMAC0 ID/Version Register
0x02D0 3084
GMAC0_MacControl
GMAC0 Mac Control Register
0x02D0 3088
GMAC0_MacStatus
GMAC0 Mac Status Register
0x02D0 308C
GMAC0_Soft_Reset
GMAC0 Soft Reset Register
0x02D0 3090
GMAC0_Rx_Maxlen
GMAC0 RX Maximum Length Register
0x02D0 3094
GMAC0_BoffTest
GMAC0 Backoff Test Register
0x02D0 3098
GMAC0_Rx_Pause
GMAC0 Receive Pause Timer Register
0x02D0 309C
GMAC0_Tx_Pause
GMAC0 Transmit Pause Timer Register
0x02D0 30A0
GMAC0_EMControl
GMAC0 Emulation Control Register
0x02D0 30A4
GMAC0_Rx_Pri_Map
GMAC0 Rx Pkt Priority to Header Priority Mapping Register
0x02D0 30A8 - 0x02D0 30BC
Reserved
Reserved
0x02D0 30C0
GMAC1_IDVER
GMAC1 ID/Version Register
0x02D0 30C4
GMAC1_MacControl
GMAC1 Mac Control Register
0x02D0 30C8
GMAC1_MacStatus
GMAC1 Mac Status Register
0x02D0 30CC
GMAC1_Soft_Reset
GMAC1 Soft Reset Register
0x02D0 30D0
GMAC1_Rx_Maxlen
GMAC1 RX Maximum Length Register
0x02D0 30D4
GMAC1_BoffTest
GMAC1 Backoff Test Register
0x02D0 30D8
GMAC1_Rx_Pause
GMAC1 Receive Pause Timer Register
0x02D0 30DC
GMAC1_Tx_Pause
GMAC1 Transmit Pause Timer Register
0x02D0 30E0
GMAC1_EMControl
GMAC1 Emulation Control
0x02D0 30E4
GMAC1_Rx_Pri_Map
GMAC1 Rx Pkt Priority to Header Priority Mapping Register
0x02D0 30E8 - 0x02D0 30FC
Reserved
Reserved
0x02D0 3100
Tx_IdVer
CPDMA_REGS TX Identification and Version Register
0x02D0 3104
Tx_Control
CPDMA_REGS TX Control Register
0x02D0 3108
Tx_Teardown
CPDMA_REGS TX Teardown Register
0x02D0 310C
Reserved
Reserved
0x02D0 3110
Rx_IdVer
CPDMA_REGS RX Identification and Version Register
0x02D0 3114
Rx_Control
CPDMA_REGS RX Control Register
0x02D0 3118
Rx_Teardown
CPDMA_REGS RX Teardown Register
0x02D0 311C
Soft_Reset
CPDMA_REGS Soft Reset Register
0x02D0 3120
DMAControl
CPDMA_REGS CPDMA Control Register
0x02D0 3124
DMAStatus
CPDMA_REGS CPDMA Status Register
0x02D0 3128
RX_Buffer_Offset
CPDMA_REGS Receive Buffer Offset
0x02D0 312C
EMControl
CPDMA_REGS Emulation Control
0x02D0 3130 - 0x02D0 317C
Reserved
Reserved
0x02D0 3180
Tx_IntStat_Raw
CPDMA_INT Tx interrupt Status Register (raw value)
0x02D0 3184
Tx_IntStat_Masked
CPDMA_INT Tx Interrupt Status Register (masked value)
0x02D0 3188
Tx_IntMask_Set
CPDMA_INT Tx Interrupt Mask Set Register
0x02D0 318C
Tx_IntMask_Clear
CPDMA_INT Tx Interrupt Mask Clear Register
0x02D0 3190
CPDMA_In_Vector
CPDMA_INT Input Vector (read only)
0x02D0 3194
CPDMA_EOI_Vector
CPDMA_INT End Of Interrupt Vector
0x02D0 3198 - 0x02D0 319C
Reserved
Reserved
0x02D0 31A0
Rx_IntStat_Raw
CPDMA_INT Rx Interrupt Status Register (raw value)
0x02D0 31A4
Rx_IntStat_Masked
CPDMA_INT Rx Interrupt Status Register (masked value)
Peripheral Information and Electrical Specifications
146
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com