Electronic Components Datasheet Search
  English  ▼

X  

TMS320DM647 Datasheet(PDF) 150 Page - Texas Instruments

Part # TMS320DM647
Description  Digital Media Processor
PDF  167 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM647 Datasheet(HTML) 150 Page - Texas Instruments

Back Button TMS320DM647_08 Datasheet HTML 146Page - Texas Instruments TMS320DM647_08 Datasheet HTML 147Page - Texas Instruments TMS320DM647_08 Datasheet HTML 148Page - Texas Instruments TMS320DM647_08 Datasheet HTML 149Page - Texas Instruments TMS320DM647_08 Datasheet HTML 150Page - Texas Instruments TMS320DM647_08 Datasheet HTML 151Page - Texas Instruments TMS320DM647_08 Datasheet HTML 152Page - Texas Instruments TMS320DM647_08 Datasheet HTML 153Page - Texas Instruments TMS320DM647_08 Datasheet HTML 154Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 167 page
background image
www.ti.com
6.18.4 Ethernet Subsystem Timing
TMS320DM647/TMS320DM648
Digital Media Processor
SPRS372A – MAY 2007 – REVISED JUNE 2007
Table 6-66. SGMII0 Registers (continued)
HEX ADDRESS RANGE
REGISTER NAME
DESCRIPTION
0x02D0 4834
Reserved
Reserved
0x02D0 4838
Reserved
Reserved
0x02D0 483C
Reserved
Reserved
0x02D0 4840
Diag_Clear
Diagnostics Clear Register
0x02D0 4844
Diag_Control
Diagnostics Control Register
0x02D0 4848
Diag_Status
Diagnostics Status Register (read only)
0x02D0 484C - 0x02D0 487F
Reserved
Reserved
Table 6-67. SGMII1 Registers
HEX ADDRESS RANGE
REGISTER NAME
DESCRIPTION
0x02D0 4C00
IdVer
Identification and Version Register
0x02D0 4C04
Soft_Reset
Soft Reset Register
0x02D0 4C08 - 0x02D0 4C0C
Reserved
Reserved
0x02D0 4C10
Control
Control Register
0x02D0 4C14
Status
Status Register (read only)
0x02D0 4C18
Mr_Adv_Ability
Advertised Ability Register
0x02D0 4C1C
Mr_Np_Tx
Transmit Next Page Register
0x02D0 4C20
Mr_Lp_Adv_Ability
Link Partner Advertised Ability (read only)
0x02D0 4C24
Mr_Np_Rx
Link Partner Receive Next Page Register (read only)
0x02D0 4C28 - 0x02D0 4C2C
Reserved
Reserved
0x02D0 4C30
Reserved
Reserved
0x02D0 4C34
Reserved
Reserved
0x02D0 4C38
Reserved
Reserved
0x02D0 4C3C
Reserved
Reserved
0x02D0 4C40
Diag_Clear
Diagnostics Clear Register
0x02D0 4C44
Diag_Control
Diagnostics Control Register
0x02D0 4C48
Diag_Status
Diagnostics Status Register (read only)
0x02D0 4C4C - 0x02D0 4C7F
Reserved
Reserved
Table 6-68. Ethernet Subsystem Timing Requirements
UNIT
PARAMETER
MIN
NOM
MAX
S
t01
REFCLKP/N period, X4 mode
2.35
4
ns
x 5 mode
2.35
5
ns
x 6 mode
2.82
6
ns
x 8 mode
3.76
8
ns
x 10 mode
4.7
10
ns
x 12 mode
5.65
12
ns
x 12.5 mode
5.88
12.5
ns
x 15 mode
7.06
15
ns
x 20 mode
9.41
30
ns
x 25 mode
11.76
35
ns
t02
REFCLKP/N duty cycle
40
60
%
t03
REFCLKP/N rise/fall
700
ps
t04
PLL Clock Period, x n Mode
to1 / n
ns
t05
PLL power up
1
μs
Peripheral Information and Electrical Specifications
150
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com