Electronic Components Datasheet Search
  English  ▼

X  

TMS320DM647 Datasheet(PDF) 148 Page - Texas Instruments

Part # TMS320DM647
Description  Digital Media Processor
PDF  167 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM647 Datasheet(HTML) 148 Page - Texas Instruments

Back Button TMS320DM647_08 Datasheet HTML 144Page - Texas Instruments TMS320DM647_08 Datasheet HTML 145Page - Texas Instruments TMS320DM647_08 Datasheet HTML 146Page - Texas Instruments TMS320DM647_08 Datasheet HTML 147Page - Texas Instruments TMS320DM647_08 Datasheet HTML 148Page - Texas Instruments TMS320DM647_08 Datasheet HTML 149Page - Texas Instruments TMS320DM647_08 Datasheet HTML 150Page - Texas Instruments TMS320DM647_08 Datasheet HTML 151Page - Texas Instruments TMS320DM647_08 Datasheet HTML 152Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 167 page
background image
www.ti.com
TMS320DM647/TMS320DM648
Digital Media Processor
SPRS372A – MAY 2007 – REVISED JUNE 2007
Table 6-64. 3-port Gigabit Switch Registers (continued)
HEX ADDRESS RANGE
REGISTER NAME
DESCRIPTION
0x02D0 3264
Rx1_CP
CPDMA_STATERAM RX Channel 1 Completion Pointer Register *
0x02D0 3268
Rx2_CP
CPDMA_STATERAM RX Channel 2 Completion Pointer Register *
0x02D0 326C
Rx3_CP
CPDMA_STATERAM RX Channel 3 Completion Pointer Register *
0x02D0 3270
Rx4_CP
CPDMA_STATERAM RX Channel 4 Completion Pointer Register *
0x02D0 3274
Rx5_CP
CPDMA_STATERAM RX Channel 5 Completion Pointer Register *
0x02D0 3278
Rx6_CP
CPDMA_STATERAM RX Channel 6 Completion Pointer Register *
0x02D0 327C
Rx7_CP
CPDMA_STATERAM RX Channel 7 Completion Pointer Register *
0x02D0 32C0 - 0x02D0 32FC
Reserved
Reserved
0x02D0 3300 - 0x02D0 337C
Reserved
Reserved
0x02D0 3380 - 0x02D0 33FC
Reserved
Reserved
0x02D0 3400
RxGoodFrames
3pGSw_STATS Total number of good frames received
0x02D0 3404
RxBroadcastFrames
3pGSw_STATS Total number of good broadcast frames received
0x02D0 3408
RxMulticastFrames
3pGSw_STATS Total number of good multicast frames received
0x02D0 340C
RxPauseFrames
3pGSw_STATS PauseRxFrames
0x02D0 3410
RxCRCErrors
3pGSw_STATS Total number of CRC errors frames received
0x02D0 3414
RxAlignCodeErrors
3pGSw_STATS Total number of alignment/code errors received
0x02D0 3418
RxOversizedFrames
3pGSw_STATS Total number of oversized frames received
0x02D0 341C
RxJabberFrames
3pGSw_STATS Total number of jabber frames received
0x02D0 3420
RxUndersizedFrames
3pGSw_STATS Total number of undersized frames received
0x02D0 3424
RxFragments
3pGSw_STATS RxFragments received
0x02D0 3428
Reserved
Reserved (read as zero)
0x02D0 342C
0x02D0 3430
RxOctets
3pGSw_STATS Total number of received bytes in good frames
0x02D0 3434
TxGoodFrames
3pGSw_STATS GoodTxFrames
0x02D0 3438
TxBroadcastFrames
3pGSw_STATS BroadcastTxFrames
0x02D0 343C
TxMulticastFrames
3pGSw_STATS MulticastTxFrames
0x02D0 3440
TxPauseFrames
3pGSw_STATS PauseTxFrames
0x02D0 3444
TxDeferredFrames
3pGSw_STATS Deferred Frames
0x02D0 3448
TxCollisionFrames
3pGSw_STATS Collisions
0x02D0 344C
TxSingleCollFrames
3pGSw_STATS SingleCollisionTxFrames
0x02D0 3450
TxMultCollFrames
3pGSw_STATS MultipleCollisionTxFrames
0x02D0 3454
TxExcessiveCollisions
3pGSw_STATS ExcessiveCollisions
0x02D0 3458
TxLateCollisions
3pGSw_STATS LateCollisions
0x02D0 345C
TxUnderrun
3pGSw_STATS Transmit Underrun Error
0x02D0 3460
TxCarrierSenseErrors
3pGSw_STATS CarrierSenseErrors
0x02D0 3464
TxOctets
3pGSw_STATS TxOctets
0x02D0 3468
64octetFrames
3pGSw_STATS 64octetFrames
0x02D0 346C
65t127octetFrames
3pGSw_STATS 65-127octetFrames
0x02D0 3470
128t255octetFrames
3pGSw_STATS 128-255octetFrames
0x02D0 3474
256t511octetFrames
3pGSw_STATS 256-511octetFrames
0x02D0 3478
512t1023octetFrames
3pGSw_STATS 512-1023octetFrames
0x02D0 347C
1024tUPoctetFrames
3pGSw_STATS 1023-1518octetFrames
0x02D0 3480
NetOctets
3pGSw_STATS NetOctets
0x02D0 3484
RxSofOverruns
3pGSw_STATS Receive FIFO or DMA Start of Frame Overruns
0x02D0 3488
RxMofOverruns
3pGSw_STATS Receive FIFO or DMA Mid of Frame Overruns
0x02D0 348C
RxDmaOverruns
3pGSw_STATS Receive DMA Start of Frame and Middle of Frame
Overruns
Peripheral Information and Electrical Specifications
148
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com