Electronic Components Datasheet Search
  English  ▼

X  

TMS320DM647 Datasheet(PDF) 149 Page - Texas Instruments

Part # TMS320DM647
Description  Digital Media Processor
PDF  167 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM647 Datasheet(HTML) 149 Page - Texas Instruments

Back Button TMS320DM647_08 Datasheet HTML 145Page - Texas Instruments TMS320DM647_08 Datasheet HTML 146Page - Texas Instruments TMS320DM647_08 Datasheet HTML 147Page - Texas Instruments TMS320DM647_08 Datasheet HTML 148Page - Texas Instruments TMS320DM647_08 Datasheet HTML 149Page - Texas Instruments TMS320DM647_08 Datasheet HTML 150Page - Texas Instruments TMS320DM647_08 Datasheet HTML 151Page - Texas Instruments TMS320DM647_08 Datasheet HTML 152Page - Texas Instruments TMS320DM647_08 Datasheet HTML 153Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 167 page
background image
www.ti.com
TMS320DM647/TMS320DM648
Digital Media Processor
SPRS372A – MAY 2007 – REVISED JUNE 2007
Table 6-64. 3-port Gigabit Switch Registers (continued)
HEX ADDRESS RANGE
REGISTER NAME
DESCRIPTION
0x02D0 3490 - 0x02D0 34FC
Reserved
Reserved
0x02D0 3500
ALE_IdVer
Address Lookup Engine ID/Version Register
0x02D0 3504
Reserved
Reserved
0x02D0 3508
ALE_Control
Address Lookup Engine Control Register
0x02D0 350C
Reserved
Reserved
0x02D0 3510
ALE_Prescale
Address Lookup Engine Prescale Register
0x02D0 3514 - 0x02D0 351C
Reserved
Reserved
0x02D0 3520
ALE_TblCtl
Address Lookup Engine Table Control
0x02D0 3524 - 0x02D0 3530
Reserved
Reserved
0x02D0 3534
ALE_TblW2
Address Lookup Engine Table Word 2 Register
0x02D0 3538
ALE_TblW1
Address Lookup Engine Table Word 1 Register
0x02D0 353C
ALE_TblW0
Address Lookup Engine Table Word 0 Register
0x02D0 3540
ALE_PortCtl0
Address Lookup Engine Port 0 Control Register
0x02D0 3544
ALE_PortCtl1
Address Lookup Engine Port 1 Control Register
0x02D0 3548
ALE_PortCtl2
Address Lookup Engine Port 2 Control Register
0x02D0 354C - 0x02D0 37FF
Reserved
Reserved
Table 6-65. 3-port Gigabit Switch Subsystem Registers
HEX ADDRESS RANGE
REGISTER NAME
DESCRIPTION
0x02D0 2000
IdVer
Identification and Version Register
0x02D0 2004
Soft_Reset
Soft Reset Register
0x02D0 2008
EM_Control
Emulation Control
0x02D0 200C
Int_Control
Interrupt Control
0x02D0 2010
Rx_Thresh_En
Receive Threshold Interrupt Enable Register
0x02D0 2014
Rx_En
Receive Interrupt Enable Register
0x02D0 2018
Tx_En
Transmit Interrupt Enable Register
0x02D0 201C
Misc_En
Misc Interrupt Enable Register
0x02D0 2020
Rx_Thresh_Stat
Receive Threshold Masked Interrupt Status Register
0x02D0 2024
Rx_Stat
Receive Interrupt Masked Interrupt Status Register
0x02D0 2028
Tx_Stat
Transmit Interrupt Masked Interrupt Status Register
0x02D0 202C
Misc_Stat
Misc Interrupt Masked Interrupt Status Register
0x02D0 2030
Rx_Imax
Receive Interrupts Per Millisecond
0x02D0 2034
Tx_Imax
Transmit Interrupts Per Millisecond
Table 6-66. SGMII0 Registers
HEX ADDRESS RANGE
REGISTER NAME
DESCRIPTION
0x02D0 4800
IdVer
Identification and Version Register
0x02D0 4804
Soft_Reset
Soft Reset Register
0x02D0 4808 - 0x02D0 480C
Reserved
Reserved
0x02D0 4810
Control
Control Register
0x02D0 4814
Status
Status Register (read only)
0x02D0 4818
Mr_Adv_Ability
Advertised Ability Register
0x02D0 481C
Mr_Np_Tx
Transmit Next Page Register
0x02D0 4820
Mr_Lp_Adv_Ability
Link Partner Advertised Ability (read only)
0x02D0 4824
Mr_Np_Rx
Link Partner Receive Next Page Register (read only)
0x02D0 4828 - 0x02D0 482C
Reserved
Reserved
0x02D0 4830
Reserved
Reserved
Submit Documentation Feedback
Peripheral Information and Electrical Specifications
149



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com