Electronic Components Datasheet Search
  English  ▼

X  

BCP54 Datasheet(PDF) 4 Page - ON Semiconductor

Part # BCP54
Description  NPN General Purpose Amplifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BCP54 Datasheet(HTML) 4 Page - ON Semiconductor

  BCP54 Datasheet HTML 1Page - ON Semiconductor BCP54 Datasheet HTML 2Page - ON Semiconductor BCP54 Datasheet HTML 3Page - ON Semiconductor BCP54 Datasheet HTML 4Page - ON Semiconductor BCP54 Datasheet HTML 5Page - ON Semiconductor BCP54 Datasheet HTML 6Page - ON Semiconductor BCP54 Datasheet HTML 7Page - ON Semiconductor BCP54 Datasheet HTML 8Page - ON Semiconductor BCP54 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
3
Power Dissipation vs
Ambient Temperature
0
25
50
75
100
125
150
0
0.25
0.5
0.75
1
1.25
1.5
TEMPERATURE ( C)
o
SOT-223
NPN General Purpose Amplifier
(continued)
Typical Characteristics (continued)
Collector-Base Capacitance
vs Collector-Base Voltage
0
4
8
12
162024
28
0
10
20
30
40
V
- COLLECTOR-BASE VOLTAGE (V)
CB
Gain Bandwidth Product
vs Collector Current
1
10
100
1000
0
100
200
300
400
500
I - COLLECTOR CURRENT (mA)
C
V
= 10V
CE
Base-Emitter ON Voltage vs
Collector Current
0.001
0.01
0.1
1
0.2
0.4
0.6
0.8
1
I
- COLLE CTOR CURRENT (A)
C
V
= 5V
CE
125 °C
- 40 °C
25°C
Base-Emitter Saturation
Voltage vs Collector Current
1
10
100
1000
0.2
0.4
0.6
0.8
1
1.2
I
- COLLE CTOR CURRENT ( mA)
125 °C
- 40 °C
25°C
C
β = 10
Collector-Cutoff Current
vs Ambient Temperature
25
50
75
100
125
150
0.1
1
10
100
T
- AM BIENT TE MPE RATURE ( C)
A
V
= 40V
CB
°



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com