Electronic Components Datasheet Search
  English  ▼

X  

BCP54 Datasheet(PDF) 3 Page - ON Semiconductor

Part # BCP54
Description  NPN General Purpose Amplifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BCP54 Datasheet(HTML) 3 Page - ON Semiconductor

  BCP54 Datasheet HTML 1Page - ON Semiconductor BCP54 Datasheet HTML 2Page - ON Semiconductor BCP54 Datasheet HTML 3Page - ON Semiconductor BCP54 Datasheet HTML 4Page - ON Semiconductor BCP54 Datasheet HTML 5Page - ON Semiconductor BCP54 Datasheet HTML 6Page - ON Semiconductor BCP54 Datasheet HTML 7Page - ON Semiconductor BCP54 Datasheet HTML 8Page - ON Semiconductor BCP54 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Typical Characteristics
Electrical Characteristics
TA = 25°C unless otherwise noted
OFF CHARACTERISTICS
Symbol
Parameter
Test Conditions
Min
Max
Units
V(BR)CEO
Collector-Emitter Breakdown Voltage
IC = 10 mA, IB = 045V
V(BR)CBO
Collector-Base Breakdown Voltage
IC = 100
µA, I
E = 0
45
V
V(BR)EBO
Emitter-Base Breakdown Voltage
IE = 10
µA, I
C = 0
5.0
V
ICBO
Collector-Cutoff Current
VCB = 30 V, IE = 0
VCB = 30 V, IE = 0, TA = 125
°C
100
10
nA
µA
IEBO
Emitter-Cutoff Current
VEB = 5.0 V, IC = 0
10
µA
ON CHARACTERISTICS
hFE
DC Current Gain
IC = 5.0 mA, VCE = 2.0 V
IC = 150 mA, VCE = 2.0 V
IC = 500 mA, VCE = 2.0 V
25
40
25
250
VCE(sat)
Collector-Emitter Saturation Voltage
IC = 500 mA, IB = 50 mA
0.5
V
VBE(on)
Base-Emitter On Voltage
IC = 500 mA, VCE = 2.0 V
1.0
V
Typical Pulsed Current Gain
vs Collector Current
0.001
0.01
0.1
1
2
0
100
200
300
400
500
I
- COLLECTOR CURRENT (A)
- 40 °C
25 °C
C
V
= 5V
CE
125 °C
Collector- Emitter Saturation
Voltage vs Collect or Current
0.01
0.1
1
3
0
0.1
0.2
0.3
0.4
0.5
0.6
I
- COLLE CTOR CURRENT (A)
C
β = 10
125 °C
- 40 °C
25°C
NPN General Purpose Amplifier
(continued)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com