Electronic Components Datasheet Search
  English  ▼

X  

ADC3683 Datasheet(PDF) 32 Page - Texas Instruments

Part # ADC3683
Description  ADC368x 18-bit 0.5 to 65-MSPS Low Noise Ultra-low Power Dual Channel ADC
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC3683 Datasheet(HTML) 32 Page - Texas Instruments

Back Button ADC3683 Datasheet HTML 28Page - Texas Instruments ADC3683 Datasheet HTML 29Page - Texas Instruments ADC3683 Datasheet HTML 30Page - Texas Instruments ADC3683 Datasheet HTML 31Page - Texas Instruments ADC3683 Datasheet HTML 32Page - Texas Instruments ADC3683 Datasheet HTML 33Page - Texas Instruments ADC3683 Datasheet HTML 34Page - Texas Instruments ADC3683 Datasheet HTML 35Page - Texas Instruments ADC3683 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 91 page
background image
8.3.1.3 Auto-Zero Feature
The ADC368x includes an internal auto-zero front end amplifier circuit which improves the 1/f flicker noise. This
auto-zero feature is enabled by default for the ADC3681/2 and can be enabled using SPI register writes for the
ADC3683 (register 0x11, D0). The 4M point FFTs below show the autozero feature enabled vs disabled.
Input Frequency (MHz)
0
1
2
3
4
5
-140
-120
-100
-80
-60
-40
-20
0
Auto-zero DIS
Auto-zero EN
Figure 8-8. FS = 10 MSPS, FIN = 1.1 MHz
Frequency (kHz)
0.01
0.1
1
10
100
-160
-150
-140
-130
-120
-110
-100
-90
-80
Auto-zero DIS
Auto-zero EN
Figure 8-9. FS = 10 MSPS, FIN = 1.1 MHz
Input Frequency (MHz)
0
2.5
5
7.5
10
12.5
-140
-120
-100
-80
-60
-40
-20
0
Auto-zero DIS
Auto-zero EN
Figure 8-10. FS = 25 MSPS, FIN = 1.1 MHz
Frequency (kHz)
0.01
0.1
1
10
100
-160
-150
-140
-130
-120
-110
-100
-90
-80
Auto-zero DIS
Auto-zero EN
Figure 8-11. FS = 25 MSPS, FIN = 1.1 MHz
Figure 8-12. FS = 65 MSPS, FIN = 5 MHz
Figure 8-13. FS = 65 MSPS, FIN = 5 MHz
ADC3681, ADC3682, ADC3683
SBAS872B – DECEMBER 2020 – REVISED OCTOBER 2022
www.ti.com
32
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: ADC3681 ADC3682 ADC3683



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com