Electronic Components Datasheet Search
  English  ▼

X  

ADC3683 Datasheet(PDF) 34 Page - Texas Instruments

Part # ADC3683
Description  ADC368x 18-bit 0.5 to 65-MSPS Low Noise Ultra-low Power Dual Channel ADC
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC3683 Datasheet(HTML) 34 Page - Texas Instruments

Back Button ADC3683 Datasheet HTML 30Page - Texas Instruments ADC3683 Datasheet HTML 31Page - Texas Instruments ADC3683 Datasheet HTML 32Page - Texas Instruments ADC3683 Datasheet HTML 33Page - Texas Instruments ADC3683 Datasheet HTML 34Page - Texas Instruments ADC3683 Datasheet HTML 35Page - Texas Instruments ADC3683 Datasheet HTML 36Page - Texas Instruments ADC3683 Datasheet HTML 37Page - Texas Instruments ADC3683 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 91 page
background image
8.3.3 Voltage Reference
The ADC368x provides three different options for supplying the voltage reference to the ADC. An external 1.6
V reference can be directly connected to the VREF input; a voltage 1.2 V reference can be connected to the
REFBUF input using the internal gain buffer or the internal 1.2 V reference can be enabled to generate a 1.6 V
reference voltage. For best performance, the reference noise should be filtered by connecting a 10 uF and a 0.1
uF ceramic bypass capacitor to the VREF pin. The internal reference circuitry of the ADC368x is shown in Figure
8-17.
Note
The voltage reference mode can be selected using SPI writes or by using the REFBUF pin (default) as
a control pin (Section 8.5.1). If the REFBUF pin is not used for configuration, the REFBUF pin should
be connected to AVDD (even though the REFBUF pin has a weak internal pullup to AVDD) and the
voltage reference option has to be selected using the SPI interface.
xINP
xINM
VREF
(1.6V)
REFBUF
(1.2V)
REFGND
VREF1.2
VCM
0.95V
x1.33
Figure 8-17. Different voltage reference options for ADC368x
8.3.3.1 Internal voltage reference
The 1.6 V reference for the ADC can be generated internal using the on-chip 1.2V bandgap reference along with
the internal gain buffer. A 10 uF and a 0.1 uF ceramic bypass capacitor (CVREF) should be connected between
the VREF and REFGND pins as close to the pins as possible.
xINP
xINM
VREF
(1.6V)
REFBUF
(1.6V)
REFGND
VREF1.2
VCM
0.95V
x1.33
CVREF
Figure 8-18. Internal reference
ADC3681, ADC3682, ADC3683
SBAS872B – DECEMBER 2020 – REVISED OCTOBER 2022
www.ti.com
34
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: ADC3681 ADC3682 ADC3683



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com