Electronic Components Datasheet Search
  English  ▼

X  

ADS1262IPWR Datasheet(PDF) 36 Page - Texas Instruments

Part # ADS1262IPWR
Description  ADS126x 32-Bit, Precision, 38-kSPS, Analog-to-Digital Converter (ADC) with Programmable Gain Amplifier (PGA) and Voltage Reference
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS1262IPWR Datasheet(HTML) 36 Page - Texas Instruments

Back Button ADS1262IPWR Datasheet HTML 32Page - Texas Instruments ADS1262IPWR Datasheet HTML 33Page - Texas Instruments ADS1262IPWR Datasheet HTML 34Page - Texas Instruments ADS1262IPWR Datasheet HTML 35Page - Texas Instruments ADS1262IPWR Datasheet HTML 36Page - Texas Instruments ADS1262IPWR Datasheet HTML 37Page - Texas Instruments ADS1262IPWR Datasheet HTML 38Page - Texas Instruments ADS1262IPWR Datasheet HTML 39Page - Texas Instruments ADS1262IPWR Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 133 page
background image
9.3.5 Power-Supply Monitor
To internally monitor the ADC power supplies, use either ADC1 or ADC2. As shown in Figure 9-5, the power
supply voltages are divided by a resistor network to reduce the voltages within the ADC input range. The
reduced power-supply voltage is routed to the ADC input multiplexers. The analog (VANLMON) and digital
(VDIGMON) power supply readings are scaled by Equation 10 and Equation 11, respectively:
VANLMON = (VAVDD – VAVSS) / 4
(10)
VDIGMON = (VDVDD – VDGND) / 4
(11)
Measure the supply monitor readings using either the internal or an external reference. For an external
reference, the minimum reference voltage is 1.5 V.
Before measurement, enable the PGA, set gain = 1, and disable chop mode.
For analog supply monitor ADC1 measurement, set the INPMUX register (address 06h) to CCh.
For digital supply monitor ADC1 measurement, set the INPMUX register to DDh.
For analog supply monitor ADC2 measurement, set the ADC2MUX register (address 16h) to CCh.
For digital supply monitor ADC2 measurement, set the ADC2MUX register to DDh.
AVDD
AVSS
ADC1 MUX P
ADC1 MUX N
ADC2 MUX P
ADC2 MUX N
1.5 R
1.5 R
R
Analog Supply Monitor
VANLMON_ N
VANLMON_ P
DVDD
DGND
ADC1 MUX P
ADC1 MUX N
ADC2 MUX P
ADC2 MUX N
2.5 R
0.5 R
R
Digital Supply Monitor
VDIGMON_ N
VDIGMON_ P
Figure 9-5. Power-Supply Monitors
ADS1262, ADS1263
SBAS661C – FEBRUARY 2015 – REVISED MAY 2021
www.ti.com
36
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: ADS1262 ADS1263



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com