Electronic Components Datasheet Search
  English  ▼

X  

ADS1262IPWR Datasheet(PDF) 40 Page - Texas Instruments

Part # ADS1262IPWR
Description  ADS126x 32-Bit, Precision, 38-kSPS, Analog-to-Digital Converter (ADC) with Programmable Gain Amplifier (PGA) and Voltage Reference
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS1262IPWR Datasheet(HTML) 40 Page - Texas Instruments

Back Button ADS1262IPWR Datasheet HTML 36Page - Texas Instruments ADS1262IPWR Datasheet HTML 37Page - Texas Instruments ADS1262IPWR Datasheet HTML 38Page - Texas Instruments ADS1262IPWR Datasheet HTML 39Page - Texas Instruments ADS1262IPWR Datasheet HTML 40Page - Texas Instruments ADS1262IPWR Datasheet HTML 41Page - Texas Instruments ADS1262IPWR Datasheet HTML 42Page - Texas Instruments ADS1262IPWR Datasheet HTML 43Page - Texas Instruments ADS1262IPWR Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 133 page
background image
9.3.7.2 PGA Absolute Output-Voltage Monitor
ADC1 contains an integrated a PGA absolute output-voltage monitor. If the absolute level of the PGA positive or
negative output exceeds VAVDD – 0.2 V, the PGA high alarm triggers (PGAH_ALM). If the absolute level of the
PGA positive or negative output voltage is less than VAVSS + 0.2 V, the PGA low alarm triggers (PGAL_ALM).
The alarms are set in the status byte corresponding to the conversion cycle when the alarms occurred. For
the next conversion cycle, the alarms reset. If the magnitude of PGA output voltages remains within the range
(VAVDD – 0.2 V and VAVSS + 0.2 V), the alarms remain reset. The PGA absolute output-voltage monitor block
diagram is shown in Figure 9-10.
VAVDD ± 0.2 V
VOUTP
VOUTN
S
Q
Q
R
+
±
PGA
ADC
Digital
Filter
VAVSS + 0.2 V
STATUS
DATA 1
DATA 2
DATA 3
DATA 4
PGAH_ALM
Bit 2 of STATUS byte
Latch
Supply Rail
Comparators
Data Bytes
CRC/CHK
S
Q
Q
R
+
±
+
±
Conversion
Start Reset
PGAL_ALM
Bit 3 of STATUS byte
Latch
+
±
Figure 9-10. PGA Absolute Output-Voltage Monitor
Figure 9-11 shows an example of the PGA absolute output-voltage monitor overrange event.
Conversions (DRDY)
VAVDD - 0.2
PGAH_ALM bit
Alarms latched during
conversion cycle
VAVSS + 0.2
PGAL_ALM bit
Figure 9-11. PGA Absolute Alarm
ADS1262, ADS1263
SBAS661C – FEBRUARY 2015 – REVISED MAY 2021
www.ti.com
40
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: ADS1262 ADS1263



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com