Electronic Components Datasheet Search
  English  ▼

X  

ADS1262IPWR Datasheet(PDF) 39 Page - Texas Instruments

Part # ADS1262IPWR
Description  ADS126x 32-Bit, Precision, 38-kSPS, Analog-to-Digital Converter (ADC) with Programmable Gain Amplifier (PGA) and Voltage Reference
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS1262IPWR Datasheet(HTML) 39 Page - Texas Instruments

Back Button ADS1262IPWR Datasheet HTML 35Page - Texas Instruments ADS1262IPWR Datasheet HTML 36Page - Texas Instruments ADS1262IPWR Datasheet HTML 37Page - Texas Instruments ADS1262IPWR Datasheet HTML 38Page - Texas Instruments ADS1262IPWR Datasheet HTML 39Page - Texas Instruments ADS1262IPWR Datasheet HTML 40Page - Texas Instruments ADS1262IPWR Datasheet HTML 41Page - Texas Instruments ADS1262IPWR Datasheet HTML 42Page - Texas Instruments ADS1262IPWR Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 133 page
background image
9.3.7.1 PGA Differential Output Monitor
ADC1 incorporates a differential PGA output voltage monitor. This voltage monitor triggers an alarm when the
magnitude of the differential PGA output voltage is more positive than +105% or more negative than –105%
of full scale, but only during a conversion cycle. The alarm event, corresponding to the conversion cycle when
the alarm occurred, is set in the status byte (PGAD_ALM). For the next conversion, the alarm resets. If the
magnitude of differential output voltage is within the range of ±105% of full-scale range, the alarm remains reset.
The PGA differential monitor block diagram is shown in Figure 9-8.
+105% VREF
VOUTP
VOUTN
S
Q
Q
R
+
±
+
±
PGA
ADC
Digital
Filter
+
±
-105% VREF
Conversion
Start Reset
STATUS
DATA 1
DATA 2
DATA 3
DATA 4
PGAD_ALM
Bit 1 of STATUS byte
Latch
VREF Comparators
PGA Output
difference amplifier
Data Bytes
CRC/CHK
Figure 9-8. PGA Differential Overload Monitor
Figure 9-9 shows an example of the differential overrange monitor event.
Conversions (DRDY)
+ 105%
PGAD_ALM bit
Alarms latched during
conversion cycle
- 105%
Figure 9-9. PGA Differential Alarm
www.ti.com
ADS1262, ADS1263
SBAS661C – FEBRUARY 2015 – REVISED MAY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
39
Product Folder Links: ADS1262 ADS1263



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com