| Electronic Components Datasheet Search |
|
ADS5294 Datasheet(PDF) 49 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
ADS5294 Datasheet(HTML) 49 Page - Texas Instruments |
|
49 / 82 page ![]() Frame Clock FCLK Freq = fCLKIN/2 Input Clock CLKIN Freq = fCLKIN D13 (D0) Data bit in MSB First mode Data bit in LSB First mode Output Data CHnOUT B Byte-wise Input Signal ta Sample N td cycles latency D11 (D2) D10 (D3) D9 (D4) D8 (D5) D7 (D6) Output Data CHnOUT A Byte-wise D4 (D9) D3 (D10) D2 (D11) D1 (D12) D0 (D13) D13 (D0) D6 (D7) D12 (D1) D5 (D8) Sample N-1 Output Data CHnOUT B Bit-wise Output Data CHnOUT A Bit-wise D10 (D3) D8 (D5) D6 (D7) D4 (D9) D2 (D11) D0 (D13) D11 (D2) D9 (D4) D7 (D6) D5 (D8) D3 (D10) D1 (D12) D11 (D2) D10 (D3) D9 (D4) D8 (D5) D7 (D6) D6 (D7) D13 (D0) D12 (D1) Output Data CHnOUT B Word-wise (Sample N) Output Data CHnOUT A Word-wise (Sample N-1) D5 (D8) D4 (D9) D3 (D10) D2 (D11) D1 (D12) D0 (D13) D11 (D2) D10 (D3) D9 (D4) D8 (D5) D7 (D6) D13 (D0) D12 (D1) D4 (D9) D3 (D10) D2 (D11) D1 (D12) D0 (D13) D6 (D7) D5 (D8) D12 (D1) D13 (D0) D10 (D3) D8 (D5) D6 (D7) D4 (D9) D2 (D11) D0 (D13) D11 (D2) D9 (D4) D7 (D6) D5 (D8) D3 (D10) D1 (D12) D12 (D1) D13 (D0) D11 (D2) D10 (D3) D9 (D4) D8 (D5) D7 (D6) D6 (D7) D13 (D0) D12 (D1) D5 (D8) D4 (D9) D3 (D10) D2 (D11) D1 (D12) D0 (D13) D2 (D11) D0 (D13) D3 (D10) D1 (D12) D1 (D12) D0 (D13) D8 (D5) D7 (D6) D1 (D12) D0 (D13) D1 (D12) D0 (D13) 49 ADS5294 www.ti.com SLAS776E – NOVEMBER 2011 – REVISED APRIL 2018 Product Folder Links: ADS5294 Submit Documentation Feedback Copyright © 2011–2018, Texas Instruments Incorporated Figure 54. 14-Bit Word Wise 9.6.1.6 Digital Processing Blocks The ADS5294 integrates a set of commonly-used digital functions to ease system design. These functions are shown in the digital block diagram of Figure 55 and described in the following sections. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |