Electronic Components Datasheet Search
  English  ▼

X  

ADS5294 Datasheet(PDF) 71 Page - Texas Instruments

Part # ADS5294
Description  ADS5294 Octal-Channel 14-Bit 80-MSPS High-SNR and Low-Power ADC
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS5294 Datasheet(HTML) 71 Page - Texas Instruments

Back Button ADS5294 Datasheet HTML 67Page - Texas Instruments ADS5294 Datasheet HTML 68Page - Texas Instruments ADS5294 Datasheet HTML 69Page - Texas Instruments ADS5294 Datasheet HTML 70Page - Texas Instruments ADS5294 Datasheet HTML 71Page - Texas Instruments ADS5294 Datasheet HTML 72Page - Texas Instruments ADS5294 Datasheet HTML 73Page - Texas Instruments ADS5294 Datasheet HTML 74Page - Texas Instruments ADS5294 Datasheet HTML 75Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 82 page
background image
10
S
N
D
P
SINAD = 10Log
P + P
10
S
N
P
SNR = 10Log
P
71
ADS5294
www.ti.com
SLAS776E – NOVEMBER 2011 – REVISED APRIL 2018
Product Folder Links: ADS5294
Submit Documentation Feedback
Copyright © 2011–2018, Texas Instruments Incorporated
13 Device and Documentation Support
13.1 Device Support
13.1.1 Device Nomenclature
13.1.1.1
Definition Of Specifications
Analog Bandwidth The analog input frequency at which the power of the fundamental is reduced by 3 dB with
respect to the low-frequency value.
Aperture Delay The delay in time between the rising edge of the input sampling clock and the actual time at
which the sampling occurs. This delay is different across channels. The maximum variation is
specified as aperture delay variation (channel-to-channel).
Aperture Uncertainty (Jitter) The sample-to-sample variation in aperture delay.
Clock Pulse Width and Duty Cycle The duty cycle of a clock signal is the ratio of the time the clock signal
remains at a logic high (clock pulse width) to the period of the clock signal. Duty cycle is typically
expressed as a percentage. A perfect differential sine-wave clock results in a 50% duty cycle.
Maximum Conversion Rate The maximum sampling rate at which specified operation is given. All parametric
testing is performed at this sampling rate unless otherwise noted.
Minimum Conversion Rate The minimum sampling rate at which the ADC functions.
Differential Non-Linearity (DNL) An ideal ADC exhibits code transitions at analog input values spaced exactly 1
LSB apart. The DNL is the deviation of any single step from this ideal value, measured in units of
LSBs.
Integral Nonlinearity (INL) The INL is the deviation of the ADC transfer function from a best fit line determined
by a least squares curve fit of that transfer function, measured in units of LSBs.
Gain Error
Gain error is the deviation of the ADC actual input full-scale range from its ideal value. The gain
error is given as a percentage of the ideal input full-scale range. Gain error has two components:
error as a result of reference inaccuracy and error as a result of the channel. Both errors are
specified independently as EGREF and EGCHAN.
To a first-order approximation, the total gain error is ETOTAL ~ EGREF + EGCHAN.
For example, if ETOTAL = ±0.5%, the full-scale input varies from (1 – 0.5 / 100) x FSideal to (1 + 0.5 /
100) × FSideal.
Offset Error The offset error is the difference, given in number of LSBs, between the ADC actual average idle
channel output code and the ideal average idle channel output code. This quantity is often mapped
into millivolts.
Temperature Drift The temperature drift coefficient (with respect to gain error and offset error) specifies the
change per degree Celsius of the parameter from TMIN to TMAX. Temperature drift is calculated by
dividing the maximum deviation of the parameter across the TMIN to TMAX range by the difference
TMAX – TMIN.
Signal-to-Noise Ratio SNR is the ratio of the power of the fundamental (PS) to the noise floor power (PN),
excluding the power at DC and the first nine harmonics.
(7)
SNR is either given in units of dBc (dB to carrier) when the absolute power of the
fundamental is used as the reference, or dBFS (dB to full-scale) when the power of the
fundamental is extrapolated to the converter full-scale range.
Signal-to-Noise and Distortion (SINAD) SINAD is the ratio of the power of the fundamental (PS) to the power
of all the other spectral components including noise (PN) and distortion (PD), but excluding DC.
(8)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com