Electronic Components Datasheet Search
  English  ▼

X  

ADS5294 Datasheet(PDF) 7 Page - Texas Instruments

Part # ADS5294
Description  ADS5294 Octal-Channel 14-Bit 80-MSPS High-SNR and Low-Power ADC
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS5294 Datasheet(HTML) 7 Page - Texas Instruments

Back Button ADS5294 Datasheet HTML 3Page - Texas Instruments ADS5294 Datasheet HTML 4Page - Texas Instruments ADS5294 Datasheet HTML 5Page - Texas Instruments ADS5294 Datasheet HTML 6Page - Texas Instruments ADS5294 Datasheet HTML 7Page - Texas Instruments ADS5294 Datasheet HTML 8Page - Texas Instruments ADS5294 Datasheet HTML 9Page - Texas Instruments ADS5294 Datasheet HTML 10Page - Texas Instruments ADS5294 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 82 page
background image
1
2
3
4
5
6
7
9
10
8
11
12
13
14
15
16
17
18
19
20
21
22
23
24
34
33
32
30
28
27
26
25
36
35
40
39
38
37
29
31
80
79
78
77
67
69
71
73
74
76
61
62
64
70
66
65
68
63
72
75
IN2P
IN2N
IN3P
IN3N
AGND
IN4P
IN4N
AVDD
AGND
RESET
IN7N
IN7P
IN5N
IN5P
IN6N
IN6P
AGND
AGND
LVDD
LGND
OUT8A_N
PD
OUT8A_P
OUT8B_N
LGND
LVDD
OUT8B_P
ADS529X
80 TQFP
OUT7A_N
OUT7A_P
OUT7B_N
OUT7B_P
AVDD
OUT2B_P
OUT2B_N
OUT2A_P
OUT2A_N
OUT1B_P
OUT1B_N
OUT1A_P
OUT1A_N
Thermal Pad
(Can be tied to AGND)
60
59
58
57
56
55
54
52
51
53
50
49
48
47
46
45
44
43
42
41
7
ADS5294
www.ti.com
SLAS776E – NOVEMBER 2011 – REVISED APRIL 2018
Product Folder Links: ADS5294
Submit Documentation Feedback
Copyright © 2011–2018, Texas Instruments Incorporated
7 Pin Configuration and Functions
PFP Package
80-PIN TQFP With Thermal Pad
Top View
Pin Functions
PIN
DESCRIPTION
NAME
NO.
AVDD
9, 52, 66, 71, 74
Analog power supply, 1.8 V
AGND
3, 6, 55, 58, 61, 80
Analog ground
VCM
68
Common-mode output pin, 0.95-V output. This pin can be configured as the external reference voltage (1.5
V) input pin as well. See Reg 0x42 and External Reference Mode of Operation.
CLKN
73
Negative differential clock –Tie CLKN to GND for single-ended clock
CLKP
72
Positive differential clock
IN1P, IN1N
78, 79
Differential input signal, Channel 1
IN2P, IN2N
1, 2
Differential input signal, Channel 2
IN3P, IN3N
4, 5
Differential input signal, Channel 3
IN4P, IN4N
7, 8
Differential input signal, Channel 4
IN5P, IN5N
53, 54
Differential input signal, Channel 5
IN6P, IN6N
56, 57
Differential input signal, Channel 6
IN7P, IN7N
59, 60
Differential input signal, Channel 7
IN8P, IN8N
62, 63
Differential input signal, Channel 8
LCLKP, LCLKN
31, 32
Differential LVDS bit clock (7X)
ACLKP, ACLKN
29, 30
Differential LVDS frame clock (1X)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com