Electronic Components Datasheet Search
  English  ▼

X  

ADS5294IPFP Datasheet(PDF) 22 Page - Texas Instruments

Part # ADS5294IPFP
Description  ADS5294 Octal-Channel 14-Bit 80-MSPS High-SNR and Low-Power ADC
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS5294IPFP Datasheet(HTML) 22 Page - Texas Instruments

Back Button ADS5294IPFP Datasheet HTML 18Page - Texas Instruments ADS5294IPFP Datasheet HTML 19Page - Texas Instruments ADS5294IPFP Datasheet HTML 20Page - Texas Instruments ADS5294IPFP Datasheet HTML 21Page - Texas Instruments ADS5294IPFP Datasheet HTML 22Page - Texas Instruments ADS5294IPFP Datasheet HTML 23Page - Texas Instruments ADS5294IPFP Datasheet HTML 24Page - Texas Instruments ADS5294IPFP Datasheet HTML 25Page - Texas Instruments ADS5294IPFP Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 82 page
background image
−140
−130
−120
−110
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
5
10
15
20
Frequency (MHz)
SNR = 76.5 dBFS
SINAD = 76.5 dBFS
SFDR = 88.4 dBc
THD = 87 dBc
−140
−130
−120
−110
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
10
20
30
40
Frequency (MHz)
fIN1 = 8 MHz
fIN2 = 10 MHz
Each Tone at −7dBFS Amplitude
Two Tone IMD = −91.4 dBFS
−140
−130
−120
−110
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
10
20
30
40
Frequency (MHz)
SNR = 70.7 dBFS
SINAD =69.5 dBFS
SFDR = 74.9 dBc
THD =74.55 dBc
−140
−130
−120
−110
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
5
10
15
20
Frequency (MHz)
SNR = 76.5 dBFS
SINAD = 76.5 dBFS
SFDR = 90.23 dBc
THD = 87 dBc
−140
−130
−120
−110
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
10
20
30
40
Frequency (MHz)
SNR = 76.1 dBFS
SINAD = 75.7 dBFS
SFDR = 87 dBc
THD =84.7 dBc
−140
−130
−120
−110
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
10
20
30
40
Frequency (MHz)
SNR = 75.5 dBFS
SINAD = 74.4 dBFS
SFDR = 80.3 dBc
THD =79.7 dBc
22
ADS5294
SLAS776E – NOVEMBER 2011 – REVISED APRIL 2018
www.ti.com
Product Folder Links: ADS5294
Submit Documentation Feedback
Copyright © 2011–2018, Texas Instruments Incorporated
8.15 Typical Characteristics
Typical values are at 25°C, AVDD = 1.8 V, LVDD = 1.8 V, 50% clock duty cycle, –1-dBFS differential analog input, 14 Bit/ 80
MSPS, ADC is configured in the internal reference mode, unless otherwise noted.
Figure 8. FFT for 5-MHz Input Signal, Sample Rate = 80
MSPS
Figure 9. FFT for 15-MHz Input Signal, Sample Rate = 80
MSPS
Figure 10. FFT for 65-MHz Input Signal, Sample Rate = 80
MSPS
Figure 11. FFT for 5-MHz Input Signal, Sample Rate = 40
MSPS
Figure 12. FFT for 15-MHz Input Signal, Sample Rate = 40
MSPS
Figure 13. Two-Tone Intermodulation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com