Electronic Components Datasheet Search
  English  ▼

X  

ADS5294IPFP Datasheet(PDF) 51 Page - Texas Instruments

Part # ADS5294IPFP
Description  ADS5294 Octal-Channel 14-Bit 80-MSPS High-SNR and Low-Power ADC
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS5294IPFP Datasheet(HTML) 51 Page - Texas Instruments

Back Button ADS5294IPFP Datasheet HTML 47Page - Texas Instruments ADS5294IPFP Datasheet HTML 48Page - Texas Instruments ADS5294IPFP Datasheet HTML 49Page - Texas Instruments ADS5294IPFP Datasheet HTML 50Page - Texas Instruments ADS5294IPFP Datasheet HTML 51Page - Texas Instruments ADS5294IPFP Datasheet HTML 52Page - Texas Instruments ADS5294IPFP Datasheet HTML 53Page - Texas Instruments ADS5294IPFP Datasheet HTML 54Page - Texas Instruments ADS5294IPFP Datasheet HTML 55Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 82 page
background image
51
ADS5294
www.ti.com
SLAS776E – NOVEMBER 2011 – REVISED APRIL 2018
Product Folder Links: ADS5294
Submit Documentation Feedback
Copyright © 2011–2018, Texas Instruments Incorporated
9.6.1.7 Programmable Digital Gain
Table 12. Programmable Digital Gain
ADDR.
(HEX)
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
NAME
2A
X
X
X
X
GAIN_CH1<3:0>
X
X
X
X
GAIN_CH2<3:0>
X
X
X
X
GAIN_CH3<3:0>
X
X
X
X
GAIN_CH4<3:0>
2B
X
X
X
X
GAIN_CH5<3:0>
X
X
X
X
GAIN_CH6<3:0>
X
X
X
X
GAIN_CH7<3:0>
X
X
X
X
GAIN_CH8<3:0>
In applications where the full-scale swing of the analog input signal is much less than the 2 VPP range supported
by the ADS5294, a programmable gain is set to achieve the full-scale output code even with a lower analog input
swing. The programmable gain for each channel is set individually using a set of four bits, indicated as
GAIN_CHN<3:0> for Channel N. The gain setting is coded in binary from 0 to 12 dB as shown in Table 13.
Table 13. Gain Setting for Channel N
GAIN_CHN<3>
GAIN_CHN<2>
GAIN_CHN<1>
GAIN_CHN<0>
CHANNEL N GAIN SETTING
0
0
0
0
0 dB
0
0
0
1
1 dB
0
0
1
0
2 dB
0
0
1
1
3 dB
0
1
0
0
4 dB
0
1
0
1
5 dB
0
1
1
0
6 dB
0
1
1
1
7 dB
1
0
0
0
8 dB
1
0
0
1
9 dB
1
0
1
0
10 dB
1
0
1
1
11 dB
1
1
0
0
12 dB
1
1
0
1
Do not use
1
1
1
0
Do not use
1
1
1
1
Do not use
9.6.1.8 Channel Averaging
Table 14. Channel Averaging
ADDR.
(HEX)
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
NAME
29
X
EN_CHANNEL_AVG
2C
X
X
AVG_CTRL4<1:0>
X
X
AVG_CTRL3<1:0>
X
X
AVG_CTRL2<1:0>
X
X
AVG_CTRL1<1:0>
2D
X
X
AVG_CTRL8<1:0>
X
X
AVG_CTRL7<1:0>
X
X
AVG_CTRL6<1:0>
X
X
AVG_CTRL5<1:0>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com