Electronic Components Datasheet Search
  English  ▼

X  

ADS5294IPFP Datasheet(PDF) 47 Page - Texas Instruments

Part # ADS5294IPFP
Description  ADS5294 Octal-Channel 14-Bit 80-MSPS High-SNR and Low-Power ADC
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS5294IPFP Datasheet(HTML) 47 Page - Texas Instruments

Back Button ADS5294IPFP Datasheet HTML 43Page - Texas Instruments ADS5294IPFP Datasheet HTML 44Page - Texas Instruments ADS5294IPFP Datasheet HTML 45Page - Texas Instruments ADS5294IPFP Datasheet HTML 46Page - Texas Instruments ADS5294IPFP Datasheet HTML 47Page - Texas Instruments ADS5294IPFP Datasheet HTML 48Page - Texas Instruments ADS5294IPFP Datasheet HTML 49Page - Texas Instruments ADS5294IPFP Datasheet HTML 50Page - Texas Instruments ADS5294IPFP Datasheet HTML 51Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 82 page
background image
47
ADS5294
www.ti.com
SLAS776E – NOVEMBER 2011 – REVISED APRIL 2018
Product Folder Links: ADS5294
Submit Documentation Feedback
Copyright © 2011–2018, Texas Instruments Incorporated
Generally, INP pin represents the positive analog input pin, and INN represents the complementary negative
input. Setting the bits marked INVERT_CH<8:1> (individual control for each channel) causes the inputs to be
swapped. INN now represents the positive input, and INP the negative input.
9.6.1.4 LVDS Test Patterns
Table 10. LVDS Test Patterns
ADDR.
(HEX)
D15 D14 D13 D12 D11 D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
NAME
23
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
PRBS_SEED<15:0>
24
X
X
X
X
X
X
X
PRBS_SEED<22:16>
25
X
0
0
EN_RAMP
0
X
0
DUALCUSTOM_PAT
0
0
X
SINGLE_CUSTOM_PAT
X
X
BITS_CUSTOM1<13:12>
X
X
BITS_CUSTOM2<13:12>
X
TP_SOFT_SYNC
X
PRBS_TP_EN
X
PRBS_MODE_2
X
PRBS_SEED_FROM_REG
X
TP_HARD_SYNC
26
X
X
X
X
X
X
X
X
X
X
X
X
BITS_CUSTOM1<11:0>
27
X
X
X
X
X
X
X
X
X
X
X
X
BITS_CUSTOM2<11:0>
45
0
X
PAT_DESKEW
X
0
PAT_SYNC
The ADS5294 can output a variety of test patterns on the LVDS outputs. These test patterns replace the normal
ADC data output. All these patterns can be synchronized across devices by the sync function either through the
hardware SYNC pin or the software sync bit TP_SOFT_SYNC bit in register 0x25. When set, the
TP_HARD_SYNC bit enables the test patterns to be synchronized by the hardware SYNC Pin. When the
software sync bit TP_SOFT_SYNC is set, special timing is needed.
•
Setting EN_RAMP to '1' causes all the channels to output a repeating full-scale ramp pattern. The ramp
increments from zero code to full-scale code in steps of 1 LSB every clock cycle. After hitting the full-scale
code, it returns back to zero code and ramps again.
•
The device can also be programmed to output a constant code by setting SINGLE_CUSTOM_PAT to '1', and
programming the desired code in BITS_CUSTOM1<13:0>. In this mode, BITS_CUSTOM1<13:0> take the
place of the 14-bit ADC data at the output, and are controlled by LSB-first and MSB-first modes the same way
as normal ADC data are controlled.
•
The device can also toggle between two consecutive codes, by programming DUAL_CUSTOM_PAT to '1'.
The two codes are represented by the contents of BITS_CUSTOM1<13:0> and BITS_CUSTOM2<13:0>.
•
In addition to custom patterns, the device may also be made to output two preset patterns:
–
Deskew patten – Set using PAT_DESKEW, this mode replaces the 14-bit ADC output D<13:0> with the
0101010101010101 word.
–
Sync pattern – Set using PAT_SYNC, the normal ADC word is replaced by a fixed 11111110000000
word.
–
PRBS patterns – The device can give 9-bit or 23-bit LFSR Pseudo random pattern on the channel
outputs that are controlled by the register 0x25. To enable the PRBS pattern PRBS_TP_EN bit in the
register 0x25 needs to be set. The default is the 23-bit LFSR. To select the 9-bit LFSR, set the
PRBS_MODE_2 bit. The seed value for the PRBS patterns can be chosen by enabling the
PRBS_SEED_FROM_REG bit to 1 and the value written to the PRBS_SEED registers in 0x24 and 0x23.
NOTE
Only one of these patterns should be active at any given instant.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com