Electronic Components Datasheet Search
  English  ▼

X  

ADS5500IPAP Datasheet(PDF) 22 Page - Texas Instruments

Part # ADS5500IPAP
Description  14-Bit, 125Msps ANALOG-TO-DIGITAL CONVERTER
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS5500IPAP Datasheet(HTML) 22 Page - Texas Instruments

Back Button ADS5500IPAP Datasheet HTML 18Page - Texas Instruments ADS5500IPAP Datasheet HTML 19Page - Texas Instruments ADS5500IPAP Datasheet HTML 20Page - Texas Instruments ADS5500IPAP Datasheet HTML 21Page - Texas Instruments ADS5500IPAP Datasheet HTML 22Page - Texas Instruments ADS5500IPAP Datasheet HTML 23Page - Texas Instruments ADS5500IPAP Datasheet HTML 24Page - Texas Instruments ADS5500IPAP Datasheet HTML 25Page - Texas Instruments ADS5500IPAP Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 37 page
background image
www.ti.com
APPLICATION INFORMATION
THEORY OF OPERATION
INPUT CONFIGURATION
ADS5500
SBAS303F – DECEMBER 2003 – REVISED FEBRUARY 2007
clock cycle. This process results in a data latency of
17.5 clock cycles, after which the output data is
available as a 14-bit parallel word, coded in either
The ADS5500 is a low-power, 14-bit, 125 Msps,
straight offset binary or binary two's complement
CMOS,
switched
capacitor,
pipeline
ADC
that
format.e sample through the pipeline every half clock
operates from a single 3.3-V supply. The conversion
cycle. This process results
process is initiated by a falling edge of the external
input clock. Once the signal is captured by the input
S&H, the input sample is sequentially converted by a
series of small resolution stages, with the outputs
The analog input for the ADS5500 consists of a
combined in a digital correction logic block. Both the
differential
sample-and-hold
architecture
rising and the falling clock edges are used to
implemented using a switched capacitor technique,
propagate the sample through the pipeline every half
shown in Figure 41.
NOTE: All Switches are ON in sampling phase which is approximately one half of a clock period.
Figure 41. Analog Input Stage
This differential input topology produces a high level
differential signal of 1.15 VPP for a total differential
of AC performance for high sampling rates. It also
input signal swing of 2.3 VPP. The maximum swing is
results in a high usable input bandwidth, especially
determined by the two reference voltages, the top
important for high intermediate-frequency (IF) or
reference (REFP, pin 29), and the bottom reference
undersampling applications. The ADS5500 requires
(REFM, pin 30).
each of the analog inputs (INP, INM) to be externally
The ADS5500 obtains optimum performance when
biased around the common-mode level of the
the analog inputs are driven differentially. The circuit
internal circuitry (CM, pin 17). For a full-scale
shown in Figure 42 shows one possible configuration
differential input, each of the differential lines of the
using an RF transformer.
input signal (pins 19 and 20) swings symmetrically
between CM + 0.575 V and CM – 0.575 V. This
means that each input is driven with a signal of up to
CM 0.575 V, so that each input has a maximum
22
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com