Electronic Components Datasheet Search
  English  ▼

X  

ADS5500IPAP Datasheet(PDF) 11 Page - Texas Instruments

Part # ADS5500IPAP
Description  14-Bit, 125Msps ANALOG-TO-DIGITAL CONVERTER
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS5500IPAP Datasheet(HTML) 11 Page - Texas Instruments

Back Button ADS5500IPAP Datasheet HTML 7Page - Texas Instruments ADS5500IPAP Datasheet HTML 8Page - Texas Instruments ADS5500IPAP Datasheet HTML 9Page - Texas Instruments ADS5500IPAP Datasheet HTML 10Page - Texas Instruments ADS5500IPAP Datasheet HTML 11Page - Texas Instruments ADS5500IPAP Datasheet HTML 12Page - Texas Instruments ADS5500IPAP Datasheet HTML 13Page - Texas Instruments ADS5500IPAP Datasheet HTML 14Page - Texas Instruments ADS5500IPAP Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
www.ti.com
ENOB +
SINAD * 1.76
6.02
(3)
THD + 10Log10
P
S
P
D
(4)
SNR + 10Log10
P
S
P
N
(1)
SINAD + 10Log10
P
S
P
N
) PD
(2)
ADS5500
SBAS303F – DECEMBER 2003 – REVISED FEBRUARY 2007
Offset Error
Effective Number of Bits (ENOB)
The offset error is the difference, given in number of
The
ENOB
is
a
measure
of
a
converter's
LSBs, between the ADC's actual average idle
performance as compared to the theoretical limit
channel output code and the ideal average idle
based on quantization noise.
channel output code. This quantity is often mapped
into mV.
Temperature Drift
Total Harmonic Distortion (THD)
The temperature drift coefficient (with respect to gain
THD is the ratio of the power of the fundamental (PS)
error and offset error) specifies the change per
to the power of the first eight harmonics (PD).
degree Celsius of the parameter from TMIN to TMAX. It
is calculated by dividing the maximum deviation of
the parameter across the TMIN to TMAX range by the
difference TMAX-TMIN.
THD is typically given in units of dBc (dB to carrier).
Signal-to-Noise Ratio
Spurious-Free Dynamic Range (SFDR)
SNR is the ratio of the power of the fundamental (PS)
The ratio of the power of the fundamental to the
to the noise floor power (PN), excluding the power at
highest other spectral component (either spur or
DC and the first eight harmonics.
harmonic). SFDR is typically given in units of dBc
(dB to carrier).
Two-Tone Intermodulation Distortion
IMD3 is the ratio of the power of the fundamental (at
SNR is either given in units of dBc (dB to carrier)
frequencies f1 and f2) to the power of the worst
when the absolute power of the fundamental is used
spectral component at either frequency 2f1–f2 or
as the reference, or dBFS (dB to full scale) when the
2f2–f1. IMD3 is either given in units of dBc (dB to
power of the fundamental is extrapolated to the
carrier) when the absolute power of the fundamental
converter's full-scale range.
is used as the reference, or dBFS (dB to full scale)
Signal-to-Noise and Distortion (SINAD)
when the power of the fundamental is extrapolated to
SINAD is the ratio of the power of the fundamental
the converter's full-scale range.
(PS) to the power of all the other spectral
DC Power Supply Rejection Ratio (DC PSRR)
components including noise (PN) and distortion (PD),
The DC PSSR is the ratio of the change in offset
but excluding dc.
error to a change in analog supply voltage. The DC
PSRR is typically given in units of mV/V.
Reference Error
SINAD is either given in units of dBc (dB to carrier)
The reference error is the variation of the actual
when the absolute power of the fundamental is used
reference voltage (VREFP– VREFM) from its ideal value.
as the reference, or dBFS (dB to full scale) when the
The
reference
error
is
typically
given
as
a
power of the fundamental is extrapolated to the
percentage.
converter's full-scale range.
Voltage Overload Recovery Time
The voltage overload recovery time is defined as the
time required for the ADC to recover to within 1% of
the full-scale range in response to an input voltage
overload of 10% beyond the full-scale range.
11
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com