Electronic Components Datasheet Search
  English  ▼

X  

ADS7863ARGET Datasheet(PDF) 21 Page - Texas Instruments

Part # ADS7863ARGET
Description  Dual, 2-MSPS, 12-Bit, 2 2 or 3 3 Channel, Simultaneous-Sampling, Analog-to-Digital Converter
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS7863ARGET Datasheet(HTML) 21 Page - Texas Instruments

Back Button ADS7863ARGET Datasheet HTML 17Page - Texas Instruments ADS7863ARGET Datasheet HTML 18Page - Texas Instruments ADS7863ARGET Datasheet HTML 19Page - Texas Instruments ADS7863ARGET Datasheet HTML 20Page - Texas Instruments ADS7863ARGET Datasheet HTML 21Page - Texas Instruments ADS7863ARGET Datasheet HTML 22Page - Texas Instruments ADS7863ARGET Datasheet HTML 23Page - Texas Instruments ADS7863ARGET Datasheet HTML 24Page - Texas Instruments ADS7863ARGET Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 42 page
background image
Every 2nd
CONVST
Is Ignored
Every 2nd
CONVST
Is Ignored
Every 2nd
CONVST
Is Ignored
CHx
B
0
A
1
0 A
1 B
0 A
CHx
12-Bit
Data CHB1
12-Bit
Data CHA0
12-Bit
Data CHA0
12-Bit
Data CHB0
12-Bit
Data CHA1
Previous 12-Bit
Data CHAx
Previous 12-Bit
Data CHBx
High-Z
No Conversion,
Read Access Only
No Conversion,
Read Access Only
Conversion
of Both CHx0
Conversion
of Both CHx1
Conversion
of Both CHx0
Previous Conversion
of Both CHxx
0 s
m
0.5 s
m
1.0 s
m
1.5 s
m
2.0 s
m
2.5 s
m
3.0 s
m
1
16
1
16
1
16
1
16
1
16
1
1
CLOCK
CONVST
SDI
M0
M1
RD
CS
SDOA
SDOB
BUSY
Both channel 0s are converted first,
followed by conversion of both channel 1s.
C[1:0] is Ignored
P[1:0] = 00
No Features
®
C[1:0] is Ignored
P[1:0] = 00
No Features
®
C[1:0] is Ignored
P[1:0] = 00
No Features
®
C[1:0] is Ignored
P[1:0] = 00
No Features
®
C[1:0] is Ignored
P[1:0] = 00
No Features
®
C[1:0] is Ignored
P[1:0] = 00
No Features
®
ADS7863A
www.ti.com
SBAS610 – DECEMBER 2013
Mode IV
In the same way as Mode II, Mode IV uses the SDOA output line exclusively to transmit data while the
differential channels are switched automatically. Following the first conversion after M1 goes high, the SDOB
output 3-states (as shown in Figure 36).
Output data consist of a channel indicator ('0' for CHx0 or '1' for CHx1), followed by the ADC indicator ('0' for
CHAx or '1' for CHBx), 12 bits of conversion results, and end with '00'.
Figure 36. Mode IV Timing Diagram (M0 = 1, M1 = 1)
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: ADS7863A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com