Electronic Components Datasheet Search
  English  ▼

X  

ADS7863ARGET Datasheet(PDF) 22 Page - Texas Instruments

Part # ADS7863ARGET
Description  Dual, 2-MSPS, 12-Bit, 2 2 or 3 3 Channel, Simultaneous-Sampling, Analog-to-Digital Converter
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS7863ARGET Datasheet(HTML) 22 Page - Texas Instruments

Back Button ADS7863ARGET Datasheet HTML 18Page - Texas Instruments ADS7863ARGET Datasheet HTML 19Page - Texas Instruments ADS7863ARGET Datasheet HTML 20Page - Texas Instruments ADS7863ARGET Datasheet HTML 21Page - Texas Instruments ADS7863ARGET Datasheet HTML 22Page - Texas Instruments ADS7863ARGET Datasheet HTML 23Page - Texas Instruments ADS7863ARGET Datasheet HTML 24Page - Texas Instruments ADS7863ARGET Datasheet HTML 25Page - Texas Instruments ADS7863ARGET Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 42 page
background image
C[1:0] = 00
CHx0
®
P[1:0] = 01
Features ON
®
® S4 = 1
C[1:0] = 11
CHx1
®
P[1:0] = 11
No Updates
®
C[1:0] = 11
CHx1
®
P[1:0] = 11
No Updates
®
C[1:0] = 11
CHx1
®
P[1:0] = 11
No Updates
®
B
A
A
B
A
12-Bit
Data CHB1
12-Bit
Data CHA1
12-Bit
Data CHA0
12-Bit
Data CHB0
12-Bit
Data CHA1
Previous 12-Bit
Data CHAx
Previous 12-Bit
Data CHBx
High-Z
No Conversion,
Read Access Only
No Conversion,
Read Access Only
Conversion
of Both CHx1
Conversion
of Both CHx1
Conversion
of Both CHx0
Previous Conversion
of Both CHxx
0 s
m
0.5 s
m
1.0 s
m
1.5 s
m
2.0 s
m
2.5 s
m
3.0 s
m
1
16
1
16
1
16
1
16
1
16
1
1
CLOCK
CONVST
SDI
M0
M1
RD
CS
SDOA
SDOB
BUSY
® S4 Still = 1
® S4
= 1
Still
® S4
= 1
Still
ADS7863A
SBAS610 – DECEMBER 2013
www.ti.com
Special Mode II (Not ADS7861-Compatible)
For Mode II, a special read mode is available in the ADS7863A where both data results can be read out,
triggered by a single RD pulse. To activate this mode, bit S4 in the SDI register must be set to '1' (see also the
Serial Data Input section).
The CONVST and RD pins can remain tied together, but do not need to be issued every 16 CLOCK cycles.
Output data are presented on both terminals, SDOA and SDOB. Figure 37 illustrates the special read mode.
Figure 37. Special Mode II Timing Diagram (M0 = 0, M1 = 1, S4 = 1)
22
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: ADS7863A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com