Electronic Components Datasheet Search
  English  ▼

X  

ADS7863ARGET Datasheet(PDF) 7 Page - Texas Instruments

Part # ADS7863ARGET
Description  Dual, 2-MSPS, 12-Bit, 2 2 or 3 3 Channel, Simultaneous-Sampling, Analog-to-Digital Converter
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS7863ARGET Datasheet(HTML) 7 Page - Texas Instruments

Back Button ADS7863ARGET Datasheet HTML 3Page - Texas Instruments ADS7863ARGET Datasheet HTML 4Page - Texas Instruments ADS7863ARGET Datasheet HTML 5Page - Texas Instruments ADS7863ARGET Datasheet HTML 6Page - Texas Instruments ADS7863ARGET Datasheet HTML 7Page - Texas Instruments ADS7863ARGET Datasheet HTML 8Page - Texas Instruments ADS7863ARGET Datasheet HTML 9Page - Texas Instruments ADS7863ARGET Datasheet HTML 10Page - Texas Instruments ADS7863ARGET Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 42 page
background image
BGND
CHB1+
CHB1
-
CHB0+
CHB0
-
CHA1+
CHA1
-
CHA0+
CHA0
-
REF
IN
REF
OUT
AGND
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
BV
DD
SDOA
SDOB
BUSY
CLOCK
CS
RD
CONVST
SDI
M0
M1
AV
DD
CHA0
-
REF
IN
REF
OUT
AGND
AV
DD
M1
CHB1+
BGND
BV
DD
SDOA
SDOB
BUSY
1
2
3
4
5
6
18
17
16
15
14
13
ADS7863A
www.ti.com
SBAS610 – DECEMBER 2013
PIN CONFIGURATIONS
DBQ PACKAGE
RGE PACKAGE
SSOP-24
4-mm × 4-mm QFN-24
(Top View)
(TOP VIEW)
PIN DESCRIPTIONS
PIN NUMBER
NAME
SSOP
QFN
DESCRIPTION
AGND
12
4
Analog ground. Connect to analog ground plane.
AVDD
13
5
Analog power supply, 2.7 V to 5.5 V. Decouple to AGND with a 1-
μF ceramic capacitor.
BGND
1
17
Buffer I/O ground. Connect to digital ground plane.
ADC busy indicator. BUSY goes high when the inputs are in hold mode and returns to low after the
BUSY
21
13
conversion finishes.
BVDD
24
16
Buffer I/O supply, 2.7 V to 5.5 V. Decouple to BGND with a 1-
μF ceramic capacitor.
CHA0–
9
1
Inverting analog input channel A0
CHA0+
8
24
Noninverting analog input channel A0
CHA1–
7
23
Inverting analog input channel A1
CHA1+
6
22
Noninverting analog input channel A1
CHB0–
5
21
Inverting analog input channel B0
CHB0+
4
20
Noninverting analog input channel B0
CHB1–
3
19
Inverting analog input channel B1
CHB1+
2
18
Noninverting analog input channel B1
CLOCK
20
12
External clock input
Conversion start. The ADC switches from sample mode into hold mode on the CONVST rising edge,
CONVST
17
9
independent of the CLOCK status. The conversion starts with the next CLOCK rising edge.
CS
19
11
Chip select. When low, the SDOx outputs are active; when high, the SDOx outputs 3-state.
M0
15
7
Mode pin 0. Selects between analog input channels (see Table 8).
M1
14
6
Mode pin 1. Selects between the SDOx digital outputs (see Table 8).
RD
18
10
Read data. Synchronization pulse for the SDOx outputs and SDI input. RD only triggers when CS is low.
REFIN
10
2
Reference voltage input. A 470-nF ceramic capacitor (min) is required at this terminal.
REFOUT
11
3
Reference voltage output. The programmable internal voltage reference output is available on this pin.
Serial data input. This pin allows the additional device features to be used but SDI can also be used in an
SDI
16
8
ADS7861-compatible manner.
Serial data output for converter A. When M1 is high, both SDOA and SDOB are active. Data are valid on
SDOA
23
15
the falling CLOCK edge.
SDOB
22
14
Serial data output for converter B. Data are valid on the falling CLOCK edge.
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: ADS7863A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com