Electronic Components Datasheet Search
  English  ▼

X  

KB3511B Datasheet(PDF) 1 Page - Kingbor Technology Co

Part # KB3511B
Description  High Efficiency, Low Noise, Fast Transient Dual 800mA, 2.2MHz Step-Down DC/DC Converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBOR [Kingbor Technology Co]
Direct Link  http://www.kingbor.com
Logo KINGBOR - Kingbor Technology Co

KB3511B Datasheet(HTML) 1 Page - Kingbor Technology Co

  KB3511B Datasheet HTML 1Page - Kingbor Technology Co KB3511B Datasheet HTML 2Page - Kingbor Technology Co KB3511B Datasheet HTML 3Page - Kingbor Technology Co KB3511B Datasheet HTML 4Page - Kingbor Technology Co KB3511B Datasheet HTML 5Page - Kingbor Technology Co KB3511B Datasheet HTML 6Page - Kingbor Technology Co KB3511B Datasheet HTML 7Page - Kingbor Technology Co KB3511B Datasheet HTML 8Page - Kingbor Technology Co KB3511B Datasheet HTML 9Page - Kingbor Technology Co Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1
■
Up to 97% Efficiency
■
25uA No Load Current Per Channel
■
800mA Output Current
■
2.5V to 6.5V Input Voltage Range
■
2.2MHz Constant Frequency Operation
■
No Schottky Diode Required
■
Low Dropout Operation: 100% Duty Cycle
■
0.6V Reference Allows Low Output Voltages
■
Shutdown Mode Draws 1
µA Supply Current
■
Current Mode Operation for Excellent Line and
Load Transient Response
■
Overtemperature Protected
■
DFN33-10 Package
The
KB3511 is a high efficiency monolithic synchro-
nous buck regulator using a constant frequency, current
mode architecture. The device is available in an adjustable
version and fixed output voltages of 1.8V and 3.3V. Supply
current during operation is only 25
µA and drops to 1µA
in shutdown. The 2.5V to 6.5V input voltage range makes
the KB3511 ideally suited for single Li-Ion battery-pow-
ered applications. 100% duty cycle provides low dropout
operation, extending battery life in portable systems.
Automatic Trickle Mode operation increases efficiency at
light loads, further extending battery life.
Switching frequency is internally set at 2.2MHz, allowing
the use of small surface mount inductors and capacitors.
The internal synchronous switch increases efficiency and
eliminates the need for an external Schottky diode. Low
output voltages are easily supported with the 0.6V feed-
back reference voltage. The KB3511 is available in a low
profile (0.8mm) DFN33-10 package.
■
Cellular Telephones
■ Personal Information Appliances
■ Wireless and DSL Modems
■ Digital Still Cameras
■ MP3 Players
■ Portable Instruments
KB3511
Kingbor Technology Co.,Ltd
TEL:(86)0755-26508846 FAX:(86)0755-26509052
APPLICATIONS
FEATURES
DESCRIPTION
TYPICAL APPLICATION
KB3511 Efficiency Curve
Figure 1. 3.3V/1.8V at 800mA Step-Down Regulators
LOAD CURRENT (mA)
1
100
95
90
85
80
75
70
65
60
10
100
1000
3.3V
1.8V
VIN=3.6V
1.3mm Height Core Supply
Dual 800mA, 2.2MHz Step-Down DC/DC Converter
High Efficiency, Low Noise, Fast Transient
System-Power
RUN1
VIN
VIN = 3.6V
TO 6.0V
VOUT2 = 3.3V
AT 800mA
VOUT1 = 1.8V
AT 800mA
RUN2
POR
SW2
VFB2
GND
VFB1
SW1
MODE/SYNC
C1
R5
100k
RESET
C4, 22pF
C5, 22pF
L1
2.2
µH
L2
2.2
µH
R4
680k
R2
300k
R1
150k
R3
150k
C3
4.7
µF
C2
4.7
µF
C1, C2, C3: 4.7uF 6.3V 0603
L1, L2: EVERCOM SD11-2R2 (3x3x1.2mm)
10
11
9
6
7
8
4
5
3
2
1
KB3511A
DFN3x3mm
RESET
4.7
µF
10
µ F
1
R1
*
*
* Vin>4.5V Used
C6


Similar Part No. - KB3511B

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
KB3541NT KINGBRIGHT-KB3541NT Datasheet
142Kb / 7P
PHOTOCOUPLER
KB354NT KINGBRIGHT-KB354NT Datasheet
150Kb / 7P
High current transfer ratio.
KB355NT KINGBRIGHT-KB355NT Datasheet
355Kb / 7P
High current transfer ratio
JUL/06/2016 V.13
KB356N0T KINGBRIGHT-KB356N0T Datasheet
209Kb / 9P
PHOTOCOUPLER
KB356N1T KINGBRIGHT-KB356N1T Datasheet
209Kb / 9P
PHOTOCOUPLER
More results

Similar Description - KB3511B

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5308 FAIRCHILD-FAN5308 Datasheet
409Kb / 11P
800mA High-Efficiency Step-Down DC-DC Converter
logo
Linear Technology
LTC1911-15 LINER-LTC1911-15 Datasheet
194Kb / 12P
Low Noise, High Efficiency, Inductorless Step-Down DC/DC Converter
logo
Richtek Technology Corp...
RT8010B RICHTEK-RT8010B Datasheet
255Kb / 12P
1.5MHz, 800mA, High Efficiency PWM Step-Down DC/DC Converter
logo
Fairchild Semiconductor
FAN5308 FAIRCHILD-FAN5308_07 Datasheet
472Kb / 11P
800mA High-Efficiency Step-Down DC-DC Converter
logo
Linear Technology
LTC3250 LINER-LTC3250 Datasheet
326Kb / 12P
High Efficiency, Low Noise, Inductorless Step-Down DC/DC Converter
logo
Unisonic Technologies
UC3666 UTC-UC3666 Datasheet
190Kb / 8P
DUAL CHANNEL 800mA HIGH EFFICIENCY STEP-DOWN DC/DC CONVERTER
logo
Linear Technology
LTC3250-1.2 LINER-LTC3250-1.2_15 Datasheet
331Kb / 12P
High Efficiency, Low Noise, Inductorless Step-Down DC/DC Converter
LTC3250-1.5 LINER-LTC3250-1.5_15 Datasheet
331Kb / 12P
High Efficiency, Low Noise, Inductorless Step-Down DC/DC Converter
LTC1911-1.5 LINER-LTC1911-1.5_15 Datasheet
215Kb / 12P
Low Noise, High Efficiency, Inductorless Step-Down DC/DC Converter
logo
Maxim Integrated Produc...
MAX16963 MAXIM-MAX16963_V01 Datasheet
540Kb / 13P
Dual 2.2MHz, Low-Voltage Step-Down DC-DC Converter
2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com