Electronic Components Datasheet Search
  English  ▼

X  

KB3511B Datasheet(PDF) 3 Page - Kingbor Technology Co

Part # KB3511B
Description  High Efficiency, Low Noise, Fast Transient Dual 800mA, 2.2MHz Step-Down DC/DC Converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBOR [Kingbor Technology Co]
Direct Link  http://www.kingbor.com
Logo KINGBOR - Kingbor Technology Co

KB3511B Datasheet(HTML) 3 Page - Kingbor Technology Co

  KB3511B Datasheet HTML 1Page - Kingbor Technology Co KB3511B Datasheet HTML 2Page - Kingbor Technology Co KB3511B Datasheet HTML 3Page - Kingbor Technology Co KB3511B Datasheet HTML 4Page - Kingbor Technology Co KB3511B Datasheet HTML 5Page - Kingbor Technology Co KB3511B Datasheet HTML 6Page - Kingbor Technology Co KB3511B Datasheet HTML 7Page - Kingbor Technology Co KB3511B Datasheet HTML 8Page - Kingbor Technology Co KB3511B Datasheet HTML 9Page - Kingbor Technology Co Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3
The
● denotes specifications which apply over the full operating temperature range, otherwise specifications are TA = 25°C.
VIN = 3.6V unless otherwise specified.
KB3511
Kingbor Technology Co.,Ltd
TEL:(86)0755-26508846 FAX:(86)0755-26509052
ELECTRICAL CHARACTERISTICS
TYPICAL PERFORMANCE CHARACTERISTICS
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: The KB3511 is guaranteed to meet specified performance from
0
°C to 70°C. Specifications over the –40°C and 85°C operating
temperature range are assured by design, characterization and correlation
with statistical process controls.
Note 3: The KB3511 is tested in a proprietary test mode that connects
VFB to the output of the error amplifier.
Note 4: Dynamic supply current is higher due to the internal gate charge
being delivered at the switching frequency.
Note 5: TJ is calculated from the ambient TA and power dissipation PD
according to the following formula: TJ = TA + (PD • θJA).
Note 6: The DFN switch on-resistance is guaranteed by correlation to
wafer level measurements.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
POR
Power-On Reset Threshold
VFB Ramping Up, MODE/SYNC = 0V
8.5
%
VFB Ramping Down, MODE/SYNC = 0V
–8.5
%
Power-On Reset On-Resistance
100
200
Ω
Power-On Reset Delay
262,144
Cycles
VRUN
RUN Threshold High
●
0.3
1
1.5
V
IRUN
RUN Leakage Current
●
0.01
1
µA
1.70
1.65
1.60
1.55
1.50
1.45
1.40
1.35
1.30
1.8
1.7
1.6
1.5
1.4
1.3
1.2
SUPPLY VOLTAGE (V)
2
3
45
6
INPUT VOLTAGE (V)
2
3
45
6
TEMPERATURE (
°C)
–50
25
75
–25
0
50
100
125
100
95
90
85
80
75
70
65
60
VIN = 3.6V
VOUT = 1.8V
ILOAD = 50mA
CIRCUIT OF FIGURE 1
VIN = 3.6V
VOUT = 1.8V
ILOAD = 50mA
CIRCUIT OF FIGURE 1
VIN = 3.6V
VOUT = 1.8V
ILOAD = 50mA TO 600mA
CIRCUIT OF FIGURE 1
VOUT = 1.8V
CIRCUIT OF FIGURE 1
600mA
10mA
100mA
1mA
SW
5V/DIV
VOUT
100mV/DIV
IL
200mA/DIV
SW
5V/DIV
VOUT
10mV/DIV
IL
200mA/DIV
VOUT
200mV/DIV
IL
500mA/DIV
ILOAD
500mA/DIV
4
µs/DIV
1
µs/DIV
20
µs/DIV
TA = 25°C
TA = 25°C
Load Step
Trickle Mode Operation
PWM Mode
Efficiency vs Input Voltage
Oscillator Frequency vs Supply
Voltage
Oscillator Frequency vs
Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com