Electronic Components Datasheet Search
  English  ▼

X  

KB3511B Datasheet(PDF) 13 Page - Kingbor Technology Co

Part # KB3511B
Description  High Efficiency, Low Noise, Fast Transient Dual 800mA, 2.2MHz Step-Down DC/DC Converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBOR [Kingbor Technology Co]
Direct Link  http://www.kingbor.com
Logo KINGBOR - Kingbor Technology Co

KB3511B Datasheet(HTML) 13 Page - Kingbor Technology Co

Back Button KB3511B Datasheet HTML 6Page - Kingbor Technology Co KB3511B Datasheet HTML 7Page - Kingbor Technology Co KB3511B Datasheet HTML 8Page - Kingbor Technology Co KB3511B Datasheet HTML 9Page - Kingbor Technology Co KB3511B Datasheet HTML 10Page - Kingbor Technology Co KB3511B Datasheet HTML 11Page - Kingbor Technology Co KB3511B Datasheet HTML 12Page - Kingbor Technology Co KB3511B Datasheet HTML 13Page - Kingbor Technology Co KB3511B Datasheet HTML 14Page - Kingbor Technology Co  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
13
KB3511
Kingbor Technology Co.,Ltd
TEL:(86)0755-26508846 FAX:(86)0755-26509052
APPLICATIONS INFORMATION
TYPICAL APPLICATION
Low Ripple Buck Regulators Using Ceramic Capacitors
KB3511 Efficiency Curve
LOAD CURRENT (mA)
1
100
95
90
85
80
75
70
65
60
10
100
1000
3.3V
1.8V
VIN=3.6V
VOUT
91.5%
RESET
120ms
120ms
91.5%
Reset Timing Diagram
RUN1
VIN
VIN = 3.6V
TO 6.0V
VOUT2 = 3.3V
AT 800mA
VOUT1 = 1.8V
AT 800mA
RUN2
POR
SW2
VFB2
GND
VFB1
SW1
MODE/SYNC
C1
R5
100k
RESET
C4, 22pF
C5, 22pF
L1
2.2
µH
L2
2.2
µH
R4
680k
R2
300k
R1
150k
R3
150k
C3
4.7
µF
C2
4.7
µF
C1, C2, C3: 4.7uF 6.3V 0603
L1, L2: EVERCOM SD11-2R2 (3x3x1.2mm)
10
11
9
6
7
8
4
5
3
2
1
KB3511A
DFN3x3mm
RESET
4.7
µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com