Electronic Components Datasheet Search
  English  ▼

X  

STA510A Datasheet(PDF) 5 Page - STMicroelectronics

Part # STA510A
Description  44 V, 5.5 A, quad power half-bridge
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA510A Datasheet(HTML) 5 Page - STMicroelectronics

  STA510A Datasheet HTML 1Page - STMicroelectronics STA510A Datasheet HTML 2Page - STMicroelectronics STA510A Datasheet HTML 3Page - STMicroelectronics STA510A Datasheet HTML 4Page - STMicroelectronics STA510A Datasheet HTML 5Page - STMicroelectronics STA510A Datasheet HTML 6Page - STMicroelectronics STA510A Datasheet HTML 7Page - STMicroelectronics STA510A Datasheet HTML 8Page - STMicroelectronics STA510A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
DocID11077 Rev 4
5/21
STA510A
Pin description
21
19
GND-clean
Logical ground
20
GND-Reg
Ground for regulator VDD
21, 22
VDD
5-V regulator referred to ground
23
VL
High logical state setting voltage
24
CONFIG
Configuration
0: normal operation
1: single BTL (mono) mode, join the pins OUT1A to OUT1B and
OUT2A to OUT2B (if IN1A is joined to IN1B and IN2A to IN2B)
25
PWRDN
Standby (power down):
0: low power consumption mode
1: normal operation
26
TRI-STATE
High impedance control:
0: all power amplifiers in high-impedance state
1: normal operation
27
FAULT(1)
Fault advisor:
0: fault detected (short circuit or thermal)
1: normal operation
28
TH-WAR
Thermal warning advisor:
0: junction temperature = 130 °C
1: normal operation
29
IN1A
Input of half-bridge 1A
30
IN1B
Input of half-bridge 1B
31
IN2A
Input of half-bridge 2A
32
IN2B
Input of half-bridge 2B
33, 34
VSS
5-V regulator referred to +VCC
35, 36
VCCSIGN
Signal positive supply
-
EP
Exposed pad up
1.
The pin is open collector. To have a high logic value it needs to be pulled up by a resistor.
Table 2. Pin list (continued)
Pin
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com