Electronic Components Datasheet Search
  English  ▼

X  

STA510A Datasheet(PDF) 7 Page - STMicroelectronics

Part # STA510A
Description  44 V, 5.5 A, quad power half-bridge
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA510A Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STA510A Datasheet HTML 3Page - STMicroelectronics STA510A Datasheet HTML 4Page - STMicroelectronics STA510A Datasheet HTML 5Page - STMicroelectronics STA510A Datasheet HTML 6Page - STMicroelectronics STA510A Datasheet HTML 7Page - STMicroelectronics STA510A Datasheet HTML 8Page - STMicroelectronics STA510A Datasheet HTML 9Page - STMicroelectronics STA510A Datasheet HTML 10Page - STMicroelectronics STA510A Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
DocID11077 Rev 4
7/21
STA510A
Electrical specifications
21
3.4
Electrical specifications
The results in Table 6 below are given for the conditions: VL = 3.3 V, VCC =36V, RL = 8 Ω,
fsw= 384 kHz and Tamb = 25 °C unless otherwise specified. See also Figure 3.
Table 6. Electrical specifications
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
RdsON
Power P-channel/N-channel
MOSFET RDS(on)
Id = 1 A
150
200
m
Ω
Idss
Power P-channel/N-channel leakage
current
100
μA
gN
Power P-channel RDS(on) matching
Id = 1 A
95
%
gP
Power N-channel RDS(on) matching
Id = 1 A
95
%
Dt_s
Low current deadtime (static)
See test circuit Figure 3
10
20
ns
Dt_d
High current deadtime (dynamic)
L = 22 µH, C = 470 nF,
RL = 8 Ω, Id = 3 A,
see test circuit Figure 5
50
ns
td ON
Turn-on delay time
Resistive load, VCC = 30 V
100
ns
td OFF
Turn-off delay time
Resistive load, VCC = 30 V
100
ns
tr
Rise time
Resistive load, as Figure 3
25
ns
tf
Fall time
Resistive load, as Figure 3
25
ns
VIN-High
High level input voltage
VL/2 +
300 mV
V
VIN-Low
Low level input voltage
VL/2 –
300 mV
V
IIN-H
High level input current
Pin voltage = VL
1
μA
IIN-L
Low level input current
Pin voltage = 0.3 V
1
μA
IPWRDN-H High level PWRDN pin input current
VL= 3.3 V
35
μA
VLow
Low logical state voltage (pins
PWRDN, TRISTATE)
VL = 2.7 V
0.70
V
VL= 3.3 V
0.80
VL= 5.0 V
0.85
VHigh
High logical state voltage (pins
PWRDN, TRISTATE)
VL = 2.7 V
1.50
V
VL = 3.3 V
1.7
V
VL= 5.0 V
1.85
V
IVCC-
PWRDN
Supply current from VCC in power
down
PWRDN = 0
3
mA
IFAULT
Output current pins FAULT -TH-
WARN when FAULT CONDITIONS
VPIN = 3.3 V
1
mA
IVCC-hiz
Supply current from VCC in tri-state
VCC = 30 V, Pin TRI-STATE
= 0
22
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com