Electronic Components Datasheet Search
  English  ▼

X  

STA510A Datasheet(PDF) 6 Page - STMicroelectronics

Part # STA510A
Description  44 V, 5.5 A, quad power half-bridge
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA510A Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STA510A Datasheet HTML 2Page - STMicroelectronics STA510A Datasheet HTML 3Page - STMicroelectronics STA510A Datasheet HTML 4Page - STMicroelectronics STA510A Datasheet HTML 5Page - STMicroelectronics STA510A Datasheet HTML 6Page - STMicroelectronics STA510A Datasheet HTML 7Page - STMicroelectronics STA510A Datasheet HTML 8Page - STMicroelectronics STA510A Datasheet HTML 9Page - STMicroelectronics STA510A Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
Electrical specifications
STA510A
6/21
DocID11077 Rev 4
3
Electrical specifications
3.1
Absolute maximum ratings
3.2
Recommended operating conditions
3.3
Thermal data
The power dissipated within the device depends primarily on the supply voltage, load
impedance and output modulation level. The PowerSO36 package of the STA510A includes
an exposed pad or slug on the top of the device to provide a direct thermal path from the die
to the heatsink.
Table 3. Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCC
DC supply voltage (pin 4, 7, 12, 15)
44
V
Vmax
Maximum voltage on pins 23 to 32
5.5
V
Ptot
Power dissipation (Tcase = 70 °C)
21
W
Top
Operating temperature range
90
°C
Tstg, Tj
Storage and junction temperature
-40 to 150
°C
Table 4. Recommended operating conditions(1)
Symbol
Parameter
Min.
Typ.
Max.
Unit
Vcc
DC supply voltage
10
39.0
V
VL
Input logic reference
2.7
3.3
5.0
V
Tamb
Ambient temperature
0
70
°C
1.
Performance not guaranteed beyond recommended operating conditions.
Table 5. Thermal data
Symbol
Parameter
Min.
Typ.
Max.
Unit
Tj-case
Thermal resistance junction to case (thermal pad)
1
2.5
°C/W
TjSD
Thermal shut-down junction temperature
150
°C
Twarn
Thermal warning temperature
130
°C
thSD
Thermal shutdown hysteresis
25
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com