Electronic Components Datasheet Search
  English  ▼

X  

STA510F Datasheet(PDF) 7 Page - STMicroelectronics

Part # STA510F
Description  44 V, 5.5 A, quad power half-bridge
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA510F Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STA510F_V01 Datasheet HTML 3Page - STMicroelectronics STA510F_V01 Datasheet HTML 4Page - STMicroelectronics STA510F_V01 Datasheet HTML 5Page - STMicroelectronics STA510F_V01 Datasheet HTML 6Page - STMicroelectronics STA510F_V01 Datasheet HTML 7Page - STMicroelectronics STA510F_V01 Datasheet HTML 8Page - STMicroelectronics STA510F_V01 Datasheet HTML 9Page - STMicroelectronics STA510F_V01 Datasheet HTML 10Page - STMicroelectronics STA510F_V01 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
DocID014268 Rev 5
7/26
STA510F
Electrical specifications
26
td OFF
Turn-off delay time
Resistive load
100
ns
tr
Rise time
Resistive load, as Figure 4
25
ns
tf
Fall time
Resistive load, as Figure 4
25
ns
VCC
Supply voltage operating voltage
10
40
V
VIN-High
High level input voltage
VL/2 +
300 mV
V
VIN-Low
Low level input voltage
VL/2 –
300 mV
V
IIN-H
High level input current
Pin voltage = VL
1
μA
IIN-L
Low level input current
Pin voltage = 0.3 V
1
μA
IPWRDN-H High level PWRDN pin input current
VL= 3.3 V
35
μA
VLow
Low logical state voltage (pins
PWRDN, TRISTATE) (see Table 7)
VL = 3.3 V
0.8
V
VHigh
High logical state voltage (pins
PWRDN, TRISTATE) (see Table 7)
VL = 3.3 V
1.7
V
IVCC-
PWRDN
Supply current from VCC in power
down
PWRDN = 0
3
mA
IFAULT
Output current pins FAULT -TH-
WARN when FAULT CONDITIONS
VPIN = 3.3 V
1
mA
IVCC-hiz
Supply current from VCC in tri-state
Pin TRI-STATE = 0
22
mA
IVCC
Supply current from VCC in operation
both channel switching)
Input pulse width duty
cycle = 50%, switching
frequency = 384 kHz, no LC
filters;
70
mA
IOUT-SH
Overcurrent protection threshold ISC
(short-circuit current limit)
5.5
7
9
A
VUV
Undervoltage protection threshold
7
V
tpw_min
Output minimum pulse width
No load
25
40
ns
Table 6. Electrical specifications (continued)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com