Electronic Components Datasheet Search
  English  ▼

X  

STA510F Datasheet(PDF) 3 Page - STMicroelectronics

Part # STA510F
Description  44 V, 5.5 A, quad power half-bridge
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA510F Datasheet(HTML) 3 Page - STMicroelectronics

  STA510F_V01 Datasheet HTML 1Page - STMicroelectronics STA510F_V01 Datasheet HTML 2Page - STMicroelectronics STA510F_V01 Datasheet HTML 3Page - STMicroelectronics STA510F_V01 Datasheet HTML 4Page - STMicroelectronics STA510F_V01 Datasheet HTML 5Page - STMicroelectronics STA510F_V01 Datasheet HTML 6Page - STMicroelectronics STA510F_V01 Datasheet HTML 7Page - STMicroelectronics STA510F_V01 Datasheet HTML 8Page - STMicroelectronics STA510F_V01 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
DocID014268 Rev 5
3/26
STA510F
Application diagram
26
1
Application diagram
Figure 1. Typical application
STA510F
STA311B
Output Filter
Output Filter
PSU
SPEAKER
SPEAKER
IN A
IN B
OUT A
OUT B
PWM Out1_A
PWM Out2_A
PWM Out1_B
PWM Out2_B
IN 1A
IN 2A
IN 1B
IN 2B
OUT 1A
OUT 1B
OUT 2A
OUT 2B
SPEAKER
SPEAKER
IN A
IN B
OUT A
OUT B
Vcc
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com