Electronic Components Datasheet Search
  English  ▼

X  

STA510F Datasheet(PDF) 1 Page - STMicroelectronics

Part # STA510F
Description  44 V, 5.5 A, quad power half-bridge
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA510F Datasheet(HTML) 1 Page - STMicroelectronics

  STA510F_V01 Datasheet HTML 1Page - STMicroelectronics STA510F_V01 Datasheet HTML 2Page - STMicroelectronics STA510F_V01 Datasheet HTML 3Page - STMicroelectronics STA510F_V01 Datasheet HTML 4Page - STMicroelectronics STA510F_V01 Datasheet HTML 5Page - STMicroelectronics STA510F_V01 Datasheet HTML 6Page - STMicroelectronics STA510F_V01 Datasheet HTML 7Page - STMicroelectronics STA510F_V01 Datasheet HTML 8Page - STMicroelectronics STA510F_V01 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
This is information on a product in full production.
December 2018
DocID014268 Rev 5
1/26
STA510F
44 V, 5.5 A, quad power half-bridge
Datasheet
- production data
Features
• Minimum input/output pulse width distortion
• 150 mΩ RDS(on) complementary DMOS output
stage
• CMOS compatible logic inputs
• Thermal protection
• Thermal warning output
• Undervoltage protection
• No power-on, power-off sequence required
Description
The STA510F is a monolithic, quad, half-bridge
stage in multipower BCD technology. The device
can be used as dual-bridge or reconfigured, by
connecting the CONFIG pin to the Vdd pin, as
single-bridge with double current capability, and
as half-bridge (binary mode).
The device is particularly designed to make the
output stage of a stereo all-digital high-efficiency
(FFX) amplifier capable of delivering 100 W +
100 W output power into 6
Ω loads with
THD = 10% and VCC = 36 V. In single BTL
configuration the device can deliver 200 W into a
3
Ω load with THD = 10% and VCC = 36 V.
The device is fully compatible with the FFX®
driver device.
The input pins have a threshold proportional to VL
pin voltage.
PSSO36 (slug up)
Table 1. Device summary
Order code
Operating temp. range
Package
Packing
STA510FTR
0° to 70° C
PSSO36 (slug up)
Tape and reel
www.st.com


Similar Part No. - STA510F_V01

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STA510F STMICROELECTRONICS-STA510F_11 Datasheet
346Kb / 11P
44-V, 5.5-A, quad power half-bridge
02-Sep-2011
More results

Similar Description - STA510F_V01

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
TLE4208 SIEMENS-TLE4208 Datasheet
63Kb / 14P
1-A Quad-HBD (Quad-Half-Bridge Driver)
logo
STMicroelectronics
STA506 STMICROELECTRONICS-STA506 Datasheet
142Kb / 14P
40V 4A QUAD POWER HALF BRIDGE
Jun-2004
STA517B STMICROELECTRONICS-STA517B Datasheet
179Kb / 13P
60 V 6 A quad power half bridge
19-Mar-2007
STA510F STMICROELECTRONICS-STA510F Datasheet
220Kb / 11P
44-V, 5.5-A, quad power half bridge
13-Dec-2007
STA516B STMICROELECTRONICS-STA516B Datasheet
179Kb / 13P
60 V 6 A quad power half bridge
19-Mar-2007
STA505 STMICROELECTRONICS-STA505_06 Datasheet
176Kb / 10P
40V 3.5A QUAD POWER HALF BRIDGE
Feb-2006
logo
Infineon Technologies A...
TLE4208 INFINEON-TLE4208 Datasheet
113Kb / 14P
1-A Quad-HBD (Quad-Half-Bridge Driver)
2004-02-27
TLE4208G INFINEON-TLE4208G Datasheet
937Kb / 16P
1-A Quad-HBD (Quad-Half-Bridge Driver)
2008-02-04
logo
STMicroelectronics
STA510A STMICROELECTRONICS-STA510A Datasheet
367Kb / 17P
44-volt, 5.5-amp, quad power half bridge
11-Mar-2010
STA510F STMICROELECTRONICS-STA510F_11 Datasheet
346Kb / 11P
44-V, 5.5-A, quad power half-bridge
02-Sep-2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com