Electronic Components Datasheet Search
  English  ▼

X  

TDA2009A Datasheet(PDF) 1 Page - STMicroelectronics

Part # TDA2009A
Description  10 10W STEREO AMPLIFIER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA2009A Datasheet(HTML) 1 Page - STMicroelectronics

  TDA2009A Datasheet HTML 1Page - STMicroelectronics TDA2009A Datasheet HTML 2Page - STMicroelectronics TDA2009A Datasheet HTML 3Page - STMicroelectronics TDA2009A Datasheet HTML 4Page - STMicroelectronics TDA2009A Datasheet HTML 5Page - STMicroelectronics TDA2009A Datasheet HTML 6Page - STMicroelectronics TDA2009A Datasheet HTML 7Page - STMicroelectronics TDA2009A Datasheet HTML 8Page - STMicroelectronics TDA2009A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
TDA2009A
10 +10W STEREO AMPLIFIER
September 2003
PIN CONNECTION
MULTIWATT11
ORDERING NUMBER : TDA2009A
®
.
HIGH OUTPUT POWER
(10 + 10W Min. @ D = 1%)
.
HIGH CURRENT CAPABILITY (UP TO 3.5A)
.
AC SHORT CIRCUIT PROTECTION
.
THERMAL OVERLOAD PROTECTION
.
SPACE AND COST SAVING : VERY LOW
NUMBER OF EXTERNAL COMPONENTS
AND SIMPLE MOUNTING THANKS TO THE
MULTIWATT
®
PACKAGE.
DESCRIPTION
The TDA2009A is class AB dual Hi-Fi Audio power
amplifier assembled in Multiwatt
®
package, spe-
cially designed for high quality stereo application
as Hi-Fi and music centers.
1/12


Similar Part No. - TDA2009A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA2009A STMICROELECTRONICS-TDA2009A Datasheet
191Kb / 12P
10 10W STEREO AMPLIFIER
May-1995
More results

Similar Description - TDA2009A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA2004A STMICROELECTRONICS-TDA2004A Datasheet
164Kb / 10P
10 10W STEREO AMPLIFIER FOR CAR RADIO
Mar-1995
TDA2009A STMICROELECTRONICS-TDA2009A Datasheet
191Kb / 12P
10 10W STEREO AMPLIFIER
May-1995
logo
Unisonic Technologies
TDA2009 UTC-TDA2009 Datasheet
123Kb / 6P
10 10W STEREO AMPLIFIER
TDA22003 UTC-TDA22003 Datasheet
215Kb / 7P
10 10W STEREO AMPLIFIER
PA2009 UTC-PA2009 Datasheet
167Kb / 5P
10 10W STEREO AMPLIFIER
TDA2004 UTC-TDA2004 Datasheet
89Kb / 8P
1010W STEREO AMPLIFIER FOR CAR RADIO
logo
STMicroelectronics
TDA-2009A STMICROELECTRONICS-TDA-2009A Datasheet
575Kb / 12P
10 10W STEREO AMPLIFIER
Sep-2003
logo
Unisonic Technologies
PA2009 UTC-PA2009_15 Datasheet
201Kb / 4P
10W STEREO AMPLIFIER
TDA2004 UTC-TDA2004_15 Datasheet
316Kb / 8P
1010W STEREO AMPLIFIER FOR CAR RADIO
TDA22003 UTC-TDA22003_15 Datasheet
239Kb / 6P
10W STEREO AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com